Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT102TBI Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT102TBI
Description  Precision, Adjustable Shunt Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT102TBI Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT102TBI Datasheet HTML 1Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 2Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 3Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 4Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 5Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 6Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 7Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 8Page - Catalyst Semiconductor CAT102TBI Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CAT102
© 2007 Catalyst Semiconductor, Inc.
1
Doc. No. 4007 Rev. M
Characteristics subject to change without notice
Precision, Adjustable Shunt Regulator
(600mV Reference)
FEATURES
Low voltage reference: 600mV
Low temperature coefficient reference: 25ppm
Accurate 600mV reference voltage:
+6mV at TJ = 25ºC
High PSRR: 45dB at 300kHz
High line rejection: ±1mV (VCC from 2.2V to 18V)
Low supply current: 300µA
Open collector output
Directly drives optocouplers
Compact 5-lead SOT23 package
Industrial temperature range: -40ºC to 85ºC
APPLICATION
SMPS control loop
Low temperature coefficient voltage reference
Power management
Replaces zener diodes
Isolated DC-to-DC converters
Network, telecom and cellular base station
Adjustable voltage reference
DESCRIPTION
The CAT102 is a low-voltage reference and amplifier.
Designed for the control loop of low-voltage power
supplies, the reference voltage has been designed for
600mV. Over a junction temperature from -40°C to
105°C the reference voltage is within 8mV of the
nominal 600mV. In addition, the error amplifier output
and the supply voltage pin are on separate pins.
Power supply rejection is a high 45dB at 300kHz. The
output, OUT, can sink 20mA at a maximum saturation
voltage of 250mV.
When combined with an optocoupler, the CAT102 can
be used as an error amplifier that controls the
feedback loop in isolated low-output voltage switching
power supplies.
For Ordering Information details, see page 8.
FUNCTIONAL DIAGRAM
PIN CONFIGURATION
SOT-23 5L
Top View
FB 1 1
5
8 IN
GND 2 2
OUT 4 3
4
5 NC
PIN DESCRIPTION
Pin Name
Function
FB
Inverting input to error amplifier
GND
Ground
OUT
Output of error amplifier. Source & sink
current capability is 20mA.
NC
No connection
IN
Positive supply
+
+
OUT
FB
IN
VREF
600mV
Error
Amplifier
GND
3
5
2
1


Similar Part No. - CAT102TBI

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT102TDI-G CATALYST-CAT102TDI-G Datasheet
160Kb / 8P
   Precision, Adjustable Shunt Regulator (600mV Reference)
logo
ON Semiconductor
CAT102TDI-G ONSEMI-CAT102TDI-G Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
CAT102TDI-GT3 ONSEMI-CAT102TDI-GT3 Datasheet
147Kb / 8P
   Precision, Adjustable Shunt Regulator (600 mV Reference)
Doc. No. MD-4007 Rev. P
More results

Similar Description - CAT102TBI

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com