Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC3403DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC3403DR2G
Description  Single Supply Quad Operational Amplifiers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC3403DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC3403DR2G Datasheet HTML 1Page - ON Semiconductor MC3403DR2G Datasheet HTML 2Page - ON Semiconductor MC3403DR2G Datasheet HTML 3Page - ON Semiconductor MC3403DR2G Datasheet HTML 4Page - ON Semiconductor MC3403DR2G Datasheet HTML 5Page - ON Semiconductor MC3403DR2G Datasheet HTML 6Page - ON Semiconductor MC3403DR2G Datasheet HTML 7Page - ON Semiconductor MC3403DR2G Datasheet HTML 8Page - ON Semiconductor MC3403DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
October, 2006 − Rev. 10
1
Publication Order Number:
MC3403/D
MC3403, MC3303
Single Supply Quad
Operational Amplifiers
The MC3403 is a low cost, quad operational amplifier with true
differential inputs. The device has electrical characteristics similar to
the popular MC1741C. However, the MC3403 has several distinct
advantages over standard operational amplifier types in single supply
applications. The quad amplifier can operate at supply voltages as low
as 3.0 V or as high as 36 V with quiescent currents about one third of
those associated with the MC1741C (on a per amplifier basis). The
common mode input range includes the negative supply, thereby
eliminating the necessity for external biasing components in many
applications. The output voltage range also includes the negative
power supply voltage.
Features
Short Circuit Protected Outputs
Class AB Output Stage for Minimal Crossover Distortion
True Differential Input Stage
Single Supply Operation: 3.0 V to 36 V
Split Supply Operation: ±1.5 V to ±18 V
Low Input Bias Currents: 500 nA Max
Four Amplifiers Per Package
Internally Compensated
Similar Performance to Popular MC1741C
Industry Standard Pin−outs
ESD Diodes Added for Increased Ruggedness
Pb−Free Packages are Available
3.0 V to 36 V
Single Supply
VEE, GND
1
2
3
4
VCC
VCC
2
3
4
VEE
1.5 V to 18 V
1.5 V to 18 V
Split Supplies
1
MARKING
DIAGRAMS
x
= 3 or 4
A
= Assembly Location
WL = Wafer Lot
YY, Y = Year
WW = Work Week
G= Pb−Free Package
PDIP−14
P SUFFIX
CASE 646
1
14
PIN CONNECTIONS
1
2
3
4
5
6
78
9
10
11
12
13
14
+
+
+
+
Out 1
Inputs 1
VCC
VEE/GND
Inputs 2
Out 2
Out 4
Inputs 4
Inputs 3
Out 3
1
2
3
4
(Top View)
1
14
MC3x03P
AWLYYWWG
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
SOIC−14
D SUFFIX
CASE 751A
14
1
MC3x03DG
AWLYWW
1
14


Similar Part No. - MC3403DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC3403DR2G ONSEMI-MC3403DR2G Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
More results

Similar Description - MC3403DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM324S ONSEMI-LM324S Datasheet
96Kb / 8P
   Single Supply Quad Operational Amplifiers
October, 2014 ??Rev. 0
LM324 ONSEMI-LM324_16 Datasheet
143Kb / 14P
   Single Supply Quad Operational Amplifiers
October, 2016 ??Rev. 29
LM324DR2G ONSEMI-LM324DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
LM224DR2G ONSEMI-LM224DR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
MC3403 ONSEMI-MC3403_12 Datasheet
154Kb / 9P
   Single Supply Quad Operational Amplifiers
January, 2012 ??Rev. 11
logo
Motorola, Inc
MC3301 MOTOROLA-MC3301 Datasheet
548Kb / 10P
   QUAD SINGLE SUPPLY OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM324 ONSEMI-LM324_06 Datasheet
204Kb / 16P
   Single Supply Quad Operational Amplifiers
October, 2006 ??Rev. 20
LM324 ONSEMI-LM324_V01 Datasheet
378Kb / 17P
   Single Supply Quad Operational Amplifiers
October, 2021 - Rev. 31
LM324 ONSEMI-LM324 Datasheet
129Kb / 12P
   Single Supply Quad Operational Amplifiers
May, 2002 ??Rev. 8
LM324DTBR2G ONSEMI-LM324DTBR2G Datasheet
184Kb / 15P
   Single Supply Quad Operational Amplifiers
December, 2010 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com