Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME50461Y Datasheet(PDF) 2 Page - PerkinElmer Optoelectronics

Part # AME50461Y
Description  EMI FILTER HYBRID / HIGH RELIABILITY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

AME50461Y Datasheet(HTML) 2 Page - PerkinElmer Optoelectronics

  AME50461Y Datasheet HTML 1Page - PerkinElmer Optoelectronics AME50461Y Datasheet HTML 2Page - PerkinElmer Optoelectronics AME50461Y Datasheet HTML 3Page - PerkinElmer Optoelectronics AME50461Y Datasheet HTML 4Page - PerkinElmer Optoelectronics AME50461Y Datasheet HTML 5Page - PerkinElmer Optoelectronics AME50461Y Datasheet HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.irf.com
AME270461 Series
Specifications
ABSOLUTE MAXIMUM RATINGS Note 1
Input Voltage
-720V to +720V Note 2
Input Current
3.0 A
Lead Soldering Temperature
300°C for 10 seconds
Case Temperature
Operating
-55°C to +125°C
Storage
-65°C to +135°C
Electrical Characteristics -55°C ≤ TCASE ≤ +125°C, -270 ≤ VIN ≤ +270 unless otherwise specified
1.
Operation above maximum ratings may cause permanent damage to the device. Operation at maximum ratings may degrade
performance and affect reliability.
2.
Device can tolerate ± 720 Volt transient whose duration is
≤ 100 ms when R
S ≥ 0.5 Ω.
3.
Derate Output Current linearly from 100% at 125°C to 0 at 135°C.
4.
DC resistance is the total resistance of the device and includes the sum of the input to output resistance and the return in to return
out resistance paths.
Notes to Specifications
Parameter
Group A
Subgroups
Test Conditions
Min
Nom
Max
Unit
INPUT VOLTAGE
Steady State
Transient Note 2
-400
-720
+400
+720
VDC
OUTPUT VOLTAGE
1, 2, 3
VOUT = VIN - IIN x RDC
VDC
OUTPUT CURRENT Note 3
1.5
ADC
DC RESISTANCE (RDC) Note 4
1
TC = 25°C
TC = 125°C
400
700
m
POWER DISSIPATION
Maximum Load Current
TC = 25°C
TC = 125°C
0.9
1.58
W
NOISE REDUCTION
200 KHz - 500 KHz
500 KHz -1 MHz
1 MHz - 50 MHz
35
60
65
dB
ISOLATION
1
Any Pin to Case
Tested @ 500VDC
100
M
CAPACITANCE
Measured Between Any Pin and Case
40
nF
DEVICE WEIGHT
Slight Variations with Case Style
95
g


Similar Part No. - AME50461Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AME50461Y IRF-AME50461Y Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME50461Y-CH IRF-AME50461Y-CH Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME50461Y-ES IRF-AME50461Y-ES Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME50461Y-HB IRF-AME50461Y-HB Datasheet
52Kb / 5P
   ADVANCED ANALOG EMI FILTER HYBRID / HIGH RELIABILITY
AME50461Y/CH IRF-AME50461Y/CH Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results

Similar Description - AME50461Y

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFH461 IRF-AFH461 Datasheet
112Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
ARF461 IRF-ARF461_15 Datasheet
105Kb / 4P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461_15 Datasheet
124Kb / 6P
   EMI FILTER HYBRID / HIGH RELIABILITY
AMH461 IRF-AMH461 Datasheet
173Kb / 5P
   EMI FILTER HYBRID / HIGH RELIABILITY
AME50DS IRF-AME50DS_15 Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AFH461 IRF-AFH461_15 Datasheet
123Kb / 5P
   EMI FILTER HYBRID - HIGH RELIABILITY
AME270461 IRF-AME270461_15 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461W/ES IRF-AME28461W/ES Datasheet
109Kb / 5P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME270461 IRF-AME270461 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
AME28461 IRF-AME28461 Datasheet
112Kb / 6P
   EMI FILTER HYBRID-HIGH RELIABILITY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com