Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT93C57YAT3E Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT93C57YAT3E
Description  2K-Bit Microwire Serial EEPROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT93C57YAT3E Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT93C57YAT3E Datasheet HTML 1Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 2Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 3Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 4Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 5Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 6Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 7Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 8Page - Catalyst Semiconductor CAT93C57YAT3E Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice.
Doc. No. 1088, Rev. O
ALO
GEN FR
TM
LEAD FREE
CS
SK
DI
DO
VCC
NC
ORG
GND
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
VCC
CS
SK
ORG
GND
DO
DI
1
2
3
4
8
7
6
5
CS
SK
DI
DO
VCC
ORG
GND
1
2
3
4
8
7
6
5
NC
NC
NC
1
2
3
4
8
7
6
5
VCC
NC
ORG
GND
CS
SK
DI
DO
8
7
6
5
VCC
ORG
GND
DI
CS
SK
DO
1
2
3
4
NC
CAT93C56/57 (Die Rev. E)
2K-Bit Microwire Serial EEPROM
FEATURES
I High speed operation: 1MHz
I Low power CMOS technology
I 1.8 to 5.5 volt operation
I Selectable x8 or x16 memory organization
I Self-timed write cycle with auto-clear
I Software write protection
I Sequential read
I Power-up inadvertant write protection
I 1,000,000 Program/erase cycles
I 100 year data retention
I Commercial, industrial and automotive
temperature ranges
I RoHS-compliant packages
PIN CONFIGURATION
DIP Package (L)
SOIC Package (W)
using Catalyst’s advanced CMOS EEPROM floating
gate technology. The devices are designed to endure
1,000,000 program/erase cycles and has a data reten-
tion of 100 years. The devices are available in 8-pin DIP,
SOIC, TSSOP and 8-pad TDFN packages.
DESCRIPTION
The CAT93C56/57 are 2K-bit Serial EEPROM memory
devices which are configured as either registers of 16
bits (ORG pin at VCC) or 8 bits (ORG pin at GND). Each
register can be written (or read) serially by using the
DI (or DO) pin. The CAT93C56/57 are manufactured
SOIC Package (V)
SOIC Package (X)
TSSOP Package (Y)
TDFN Package (ZD4)
Bottom View
FUNCTIONAL SYMBOL
Note: When the ORG pin is connected to VCC, the x16 organiza-
tion is selected. When it is connected to ground, the x8 pin is
selected. If the ORG pin is left unconnected, then an internal pullup
device will select the x16 organization.
CS
SK
DI
ORG
DO
VCC
GND
PIN FUNCTIONS
Pin Name
Function
CS
Chip Select
SK
Clock Input
DI
Serial Data Input
DO
Serial Data Output
VCC
Power Supply
GND
Ground
ORG
Memory Organization
NC
No Connection
For Ordering Information details, see page 8.


Similar Part No. - CAT93C57YAT3E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT93C57YAT3E ONSEMI-CAT93C57YAT3E Datasheet
178Kb / 17P
   2-Kb Microwire Serial CMOS EEPROM
August, 2009 ??Rev. 18
More results

Similar Description - CAT93C57YAT3E

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Microchip Technology
93AA56A MICROCHIP-93AA56A Datasheet
388Kb / 24P
   2K Microwire Compatible Serial EEPROM
2003
93AA56A MICROCHIP-93AA56A_07 Datasheet
487Kb / 28P
   2K Microwire Compatible Serial EEPROM
2007
93LC56BT-I MICROCHIP-93LC56BT-I Datasheet
474Kb / 30P
   2K Microwire Compatible Serial EEPROM
01/02/08
logo
Fairchild Semiconductor
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56A FAIRCHILD-NM93C56A Datasheet
111Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
logo
Microchip Technology
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93C56A MICROCHIP-93C56A Datasheet
252Kb / 12P
   2K 5.0V Automotive Temperature Microwire Serial EEPROM
1998
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com