Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC6633LE-1.8-GT2C Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24WC6633LE-1.8-GT2C
Description  64K-bit I2C Serial EEPROM with Partial Array Write Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC6633LE-1.8-GT2C Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC6633LE-1.8-GT2C Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC6633LE-1.8-GT2C Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CAT24WC66
© 2006 Catalyst Semiconductor, Inc.
1
Doc. No. 1037 Rev. J
Characteristics subject to change without notice
64K-bit I
2C Serial EEPROM with Partial Array Write Protection
FEATURES
400kHz I
2C Bus
1.8V to 5.5V supply voltage range
Cascadable for up to eight devices
32-byte page write buffer
Self-timed write cycle with auto-clear
Schmitt trigger inputs for noise protection
Write protection
— Top 1/4 array protected when WP at V
IH
1,000,000 program/erase cycles
100 year data retention
Industrial and automotive temperature ranges
RoHS-compliant packages
DESCRIPTION
The CAT24WC66 is a 64K-bit Serial CMOS EEPROM
internally organized as 8192 words of 8 bits each.
Catalyst’s advanced CMOS technology substantially
reduces device power requirements. The CAT24WC66
features a 32-byte page write buffer. The device
operates via the I
2C bus serial interface and is
available in 8-pin DIP or 8-pin SOIC packages.
PIN CONFIGURATION
PIN FUNCTION
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
Power Supply
VSS
Ground
* Catalyst Semiconductor is licensed by Philips Corporation to carry
the I2C Bus Protocol.
FUNCTIONAL SYMBOL
For Ordering Information details, see page 12.
VCC
VSS
SDA
SCL
WP
CAT24CW66
A2,A1,A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
A1
A2
VSS
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A1
A2
VSS
DIP Package (L)
SOIC Package (W, X)


Similar Part No. - CAT24WC6633LE-1.8-GT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66JA-1.8TE13 CATALYST-CAT24WC66JA-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JA-TE13 CATALYST-CAT24WC66JA-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JE-1.8TE13 CATALYST-CAT24WC66JE-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC6633LE-1.8-GT2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com