Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C33SSATE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT25C33SSATE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C33SSATE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT25C33SSATE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT25C33SSATE13 Datasheet HTML 11Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Discontinued
Parts
7
CAT25C33/65
Doc No. 1000, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 4. Read Instruction Timing
Figure 5. RDSR Instruction Timing
Note: Dashed Line= mode (1, 1) — — — —
Note: Dashed Line= mode (1, 1) — — — —
SK
SI
SO
0000001
1
BYTE ADDRESS*
0123456789
10
20
21
22
23
24
25
26
27
28
29
30
7
6
5
4
3
2
1
0
*Please check the instruction set table for address
CS
OPCODE
DATA OUT
MSB
HIGH IMPEDANCE
0
1
2
345
67
8
10
911
12
13
14
SCK
SI
DATA OUT
MSB
HIGH IMPEDANCE
OPCODE
SO
7
6
5
4
3
2
1
0
CS
00
0
00
1
0
1
up in a write disable state when Vcc is applied. WREN
instruction will enable writes (set the latch) to the device.
WRDI instruction will disable writes (reset the latch) to
the device.
Disabling writes will protect the device
against inadvertent writes.
READ Sequence
The part is selected by pulling
CS low. The 8-bit read
instruction is transmitted to the CAT25C33/65, followed
by the 16-bit address(the three Most Significant Bits are
don’t care for 25C65 and four most significant bits are
don't care for 25C33). After the correct read instruction
and address are sent, the data stored in the memory at
the selected address is shifted out on the SO pin. The
data stored in the memory at the next address can be
read sequentially by continuing to provide clock pulses.
The internal address pointer is automatically incremented
to the next higher address after each byte of data is
shifted out. When the highest address (1FFFh for 25C65
and FFFh for 25C33) is reached, the address counter rolls
over to 0000h allowing the read cycle to be continued
indefinitely. The read operation is terminated by pulling the
CS high. To read the status register, RDSR instruction
should be sent. The contents of the status register are
shifted out on the SO line. The status register may be read
at any time even during a write cycle. Read sequece is
illustrated in Figure 4. Reading status register is illustrated
in Figure 5.
WRITE Sequence
The CAT25C33/65 powers up in a Write Disable state. Prior
to any write instructions, the WREN instruction must be
sent to CAT25C33/65. The device goes into Write enable
state by pulling the
CS low and then clocking the WREN
instruction into CAT25C33/65. The
CS must be brought
high after the WREN instruction to enable writes to the
device.


Similar Part No. - CAT25C33SSATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C33SA-1.8TE13 CATALYST-CAT25C33SA-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SA-TE13 CATALYST-CAT25C33SA-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SE-1.8TE13 CATALYST-CAT25C33SE-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SE-TE13 CATALYST-CAT25C33SE-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33SI-1.8TE13 CATALYST-CAT25C33SI-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C33SSATE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com