Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN56000 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN56000
Description  4-Channel Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN56000 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN56000 Datasheet HTML 3Page - SONiX Technology Company SN56000 Datasheet HTML 4Page - SONiX Technology Company SN56000 Datasheet HTML 5Page - SONiX Technology Company SN56000 Datasheet HTML 6Page - SONiX Technology Company SN56000 Datasheet HTML 7Page - SONiX Technology Company SN56000 Datasheet HTML 8Page - SONiX Technology Company SN56000 Datasheet HTML 9Page - SONiX Technology Company SN56000 Datasheet HTML 10Page - SONiX Technology Company SN56000 Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SN56012
4-Channel Speech Controller
6.
ABSOLUTE MAXIMUM RATING
Items
Symbol
Min
Max
Unit.
Supply Voltage
VDD-V
-0.3
6.0
V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
Operating Temperature
TOP
0
55.0
oC
Storage Temperature
TSTG
-55.0
125.0
oC
7.
ELECTRICAL CHARACTERISTICS
Item
Sym. Min. Typ. Max. Unit
Condition
Operating Voltage
VDD
2.4
3.0
5.5
V
Standby Current
ISBY
-
2.0
-
uA VDD=3V, no load
Operating Current
IOPR
-
350
-
uA VDD=3V, no load
Operating Current
IOPR
-
4.4
-
mA VDD=3V, Push-Pull turn
on , no load
Input Current of
P10~P13, P20~P23,
P30~P33, P60~P63
Ii
-
3
-
uA VDD=3V
Drive Current of
P10~P13, P20~P23,
P30~P31, P60~P63
IOD
-
4
-
mA VDD=3V,VO=2.4V
Sink Current of
P10~P13, P20~P23,
P30~P31, P60~P63
IOS
-
6
-
mA VDD=3V,VO=0.4V
Drive Current of P32~P33
IOD
-
8
-
mA VDD=3V,VO=2.4V
Sink Current of P32~P33
IOS
-
16
-
mA VDD=3V,VO=0.4V
Drive current of Buo1/Buo2
IBUD
-
80
-
mA VDD=3V,Buox=1.5V
Sine wav Full Amplitude
Sink Current of Buo1/Buo2
IBUS
-
80
-
mA VDD=3V,Buox=1.5V
Sine wav Full Amplitude
Oscillation Freq.
FOSC
-
2.0
-
MHz VDD=3V
Ver: 1.0
March 2,2005
8


Similar Part No. - SN56000

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN56000 SONIX-SN56000 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SN56000 SONIX-SN56000 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SN56000 SONIX-SN56000 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SN56000 SONIX-SN56000 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SN56000 SONIX-SN56000 Datasheet
378Kb / 11P
   4-Channel Speech Controller
More results

Similar Description - SN56000

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66012 SONIX-SN66012 Datasheet
132Kb / 5P
   4-Channel Speech Controller
SN66021 SONIX-SN66021 Datasheet
130Kb / 5P
   4-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
   4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
   4-Channel Speech Controller
SN66120 SONIX-SN66120 Datasheet
137Kb / 5P
   4-Channel Speech Controller
SNC678 SONIX-SNC678 Datasheet
429Kb / 14P
   4-Channel Speech Controller?
SN66168 SONIX-SN66168 Datasheet
137Kb / 5P
   4-Channel Speech Controller
SN66268 SONIX-SN66268 Datasheet
98Kb / 4P
   4-Channel Speech Controller
SN56030 SONIX-SN56030 Datasheet
378Kb / 11P
   4-Channel Speech Controller
SNC688 SONIX-SNC688_05 Datasheet
421Kb / 14P
   4-Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com