Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN11220CRF Datasheet(PDF) 7 Page - SONiX Technology Company

Part # SN11220CRF
Description  USB Audio Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11220CRF Datasheet(HTML) 7 Page - SONiX Technology Company

Back Button SN11220CRF Datasheet HTML 3Page - SONiX Technology Company SN11220CRF Datasheet HTML 4Page - SONiX Technology Company SN11220CRF Datasheet HTML 5Page - SONiX Technology Company SN11220CRF Datasheet HTML 6Page - SONiX Technology Company SN11220CRF Datasheet HTML 7Page - SONiX Technology Company SN11220CRF Datasheet HTML 8Page - SONiX Technology Company SN11220CRF Datasheet HTML 9Page - SONiX Technology Company SN11220CRF Datasheet HTML 10Page - SONiX Technology Company SN11220CRF Datasheet HTML 11Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Data Sheet
USB Audio Controller
SN11220ACF
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2006 Aug 10, V1.01
- 6 -
41
PADFUN 2
I, ST
CODEC function configuration pin 2 (Page11)
42
SDA
I/O,4mA, SR
data pin of two-wire serial port for external MCU control.
This pin must be UP by resister..
43
SCL
I, ST
clock pin of two-wire serial port for external MCU
control. This pin must be UP by resister.
44
GPIO1
I/O
General Purpose I/O 1
45
CODECSEL
I, ST
CODEC interface selection, it should be tied to 3.3V in
the type of ACF.
46
VDD
P
3.3V Power pin
47
LFB
I/O
Filter for internal PLL
48
VSSA_PLLB
P
GND pin
** All input pin are 5 volt tolerance, TTL level and Schmitt trigger
All output pins are slew rate control
I – input pin, O – output pin, P – power pin, ST – Schmitt trigger, SR – slew rate control,
PU/PD – pull up or pull down


Similar Part No. - SN11220CRF

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SN11+10210FA JDSU-SN11+10210FA Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210FP JDSU-SN11+10210FP Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210LC JDSU-SN11+10210LC Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210MU JDSU-SN11+10210MU Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210NC JDSU-SN11+10210NC Datasheet
177Kb / 3P
   Fiberoptic Switch
More results

Similar Description - SN11220CRF

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com