Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN11220CCFR Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SN11220CCFR
Description  USB Audio Controller
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11220CCFR Datasheet(HTML) 5 Page - SONiX Technology Company

  SN11220CCFR Datasheet HTML 1Page - SONiX Technology Company SN11220CCFR Datasheet HTML 2Page - SONiX Technology Company SN11220CCFR Datasheet HTML 3Page - SONiX Technology Company SN11220CCFR Datasheet HTML 4Page - SONiX Technology Company SN11220CCFR Datasheet HTML 5Page - SONiX Technology Company SN11220CCFR Datasheet HTML 6Page - SONiX Technology Company SN11220CCFR Datasheet HTML 7Page - SONiX Technology Company SN11220CCFR Datasheet HTML 8Page - SONiX Technology Company SN11220CCFR Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Data Sheet
USB Audio Controller
SN11220ACF
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2006 Aug 10, V1.01
- 4 -
IV.
Pin assignment and description (48-pin LQFP)
PIN No.
Pad Name
Pin Type
Description
1
DR(EEPROM_ DO)
I, ST
EEPROM data output
2
DW(EEPROM_ DI)
O, 4mA, SR
EEPROM data input
3
SK(EEPROM_SK)
O, 4mA, SR
EEPROM clock pin
4
CS(EEPROM_CS)
O, 4mA, SR
EEPROM chip select
5
PADFUN 0
I, ST
CODEC function configuration pin 0 (page 11)
6
PADFUN 1
I, ST
CODEC function configuration pin 1 (page 11)
7
VDD
P
3.3V power pin
8
PADFUN 3
I, ST
CODEC function configuration pin 3 (page 11)
9
TAVDD
P
Power pin for USB transceiver
10
USBDP
I/O
USB data plus (D+)
11
USBDM
I/O
USB data minus (D-)
12
TAVSS
P
Power pin for USB transceiver
13
RSTN
I, ST, PU
System reset pin, low enable. Pull-high this pin.
14
LEDN
O, 8mA, SR
LED indicator pin, output low after power on reset,
toggle during operation
15
VOLDN
I, ST
Volume
down
control,
edge
trigger
with
64ms
de-bouncing circuit
16
VOLUP
I, ST
Volume up control, edge trigger with 64ms de-bouncing
circuit
17
MUTEP
I, ST
Playback mute control pin, edge trigger with 64ms
de-bouncing circuit
18
GPIO2
I/O
General Purpose I/O 2
19
HIDMUTER
O, 8mA, SR
Playback mute led indicator
20
GPIO0
I/O
General Purpose I/O 0


Similar Part No. - SN11220CCFR

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SN11+10210FA JDSU-SN11+10210FA Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210FP JDSU-SN11+10210FP Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210LC JDSU-SN11+10210LC Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210MU JDSU-SN11+10210MU Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210NC JDSU-SN11+10210NC Datasheet
177Kb / 3P
   Fiberoptic Switch
More results

Similar Description - SN11220CCFR

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
logo
List of Unclassifed Man...
SPCA514A ETC-SPCA514A Datasheet
111Kb / 14P
   Digital Audio USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com