Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT525 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT525
Description  Configured Digitally Programmable Potentiometer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT525 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT525 Datasheet HTML 4Page - Catalyst Semiconductor CAT525 Datasheet HTML 5Page - Catalyst Semiconductor CAT525 Datasheet HTML 6Page - Catalyst Semiconductor CAT525 Datasheet HTML 7Page - Catalyst Semiconductor CAT525 Datasheet HTML 8Page - Catalyst Semiconductor CAT525 Datasheet HTML 9Page - Catalyst Semiconductor CAT525 Datasheet HTML 10Page - Catalyst Semiconductor CAT525 Datasheet HTML 11Page - Catalyst Semiconductor CAT525 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CAT525
10
Doc. No. 2001, Rev. E
GND
VREFL
VDD
VREFH
+5V
DPP1
+
CAT525
CONTROL
& DATA
DPP2
+
5M
5M
39
1W
39
1W
5M
5M
3.9K
LM385-2.5
-15V
5
µA steps
I
= 2 - 255 mA
SOURCE
1 mA steps
+
10K
10K
+15V
TIP 29
BS170P
BS170P
51K
APPLICATION CIRCUITS (Cont.)
Current Sink with 4 Decades of Resolution
Current Source with 4 Decades of Resolution
CAT525
CAT525
GND
VREFL
VDD
VREF
+5V
DPP1
+
CONTROL
& DATA
DPP2
+
10K
10K
39
1W
LM385-2.5
5
µA steps
I
= 2 - 255 mA
SINK
2N7000
10K
10K
TIP 30
39
1W
5M
5M
3.9K
+
-15V
2N7000
+5V
+15V
4.7
µA
1 mA steps
2.2K


Similar Part No. - CAT525

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT525 CATALYST-CAT525 Datasheet
82Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT525 CATALYST-CAT525 Datasheet
254Kb / 16P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT525 CATALYST-CAT525 Datasheet
256Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
More results

Similar Description - CAT525

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_04 Datasheet
73Kb / 10P
   Configured Digitally Programmable Potentiometer
CAT524 CATALYST-CAT524_04 Datasheet
105Kb / 13P
   Configured Digitally Programmable Potentiometer
CAT523 CATALYST-CAT523_04 Datasheet
102Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522 CATALYST-CAT522_04 Datasheet
85Kb / 11P
   Configured Digitally Programmable Potentiometer
CAT522_0710 CATALYST-CAT522_0710 Datasheet
237Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT524 CATALYST-CAT524 Datasheet
90Kb / 12P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT522 CATALYST-CAT522_07 Datasheet
236Kb / 15P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
CAT523 CATALYST-CAT523 Datasheet
70Kb / 10P
   Configured Digitally Programmable Potentiometer (DPP): Programmable Voltage Applications
logo
ON Semiconductor
CAT521 ONSEMI-CAT521 Datasheet
213Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
Doc. No. MD-2003 Rev. I
logo
Catalyst Semiconductor
CAT521 CATALYST-CAT521_07 Datasheet
207Kb / 13P
   Configured Digitally Programmable Potentiometer (DPP??: Programmable Voltage Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com