Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA270AIDR Datasheet(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # INA270AIDR
Description  Voltage Output, Unidirectional Measurement Current-Shunt Monitor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

INA270AIDR Datasheet(HTML) 10 Page - Burr-Brown (TI)

Back Button INA270AIDR Datasheet HTML 5Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 6Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 7Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 8Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 9Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 10Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 11Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 12Page - Burr-Brown (TI) INA270AIDR Datasheet HTML 13Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
INA270
INA271
SBOS381 − FEBRUARY 2007
www.ti.com
10
0.48
0.48
0.40
0.36
0.32
0.28
0.24
0.20
0.16
0.12
0.08
0.04
0
0
2
4
6
8
10
12
14
16
18
20
22
V
SENSE (mV)
24
INA271 V
OUT Limit
(1)
V
CM2
V
CM1
V
CM3
V
CM4
V
CM2,VCM3,and VCM4 illustrate the variance
from part to part of the V
CM that can cause
maximum V
OUT with VSENSE <20mV.
V
OUT limitatVSENSE =0mV,
0
≤ V
CM1 ≤ VS
NOTE: (1) INA271 V
OUT Limit = 0.4V. INA270 VOUT Limit = 0.28V.
Ideal
Figure 4. Example for Low VSENSE Case 2
(INA271, Gain = 20)
SHUTDOWN
The INA270 and INA271 do not provide a shutdown pin;
however, because they consume a quiescent current less
than 1mA, they can be powered by either the output of logic
gates or by transistor switches to supply power. Driving the
gate low shuts down the INA270/INA271. Use a
totem-pole output buffer or gate that can provide sufficient
drive along with 0.1
µF bypass capacitor, preferably
ceramic with good high-frequency characteristics. This
gate should have a supply voltage of 3V or greater
because the INA270 and INA271 require a minimum
supply greater than 2.7V. In addition to eliminating
quiescent current, this gate also turns off the 10
µA bias
current present at each of the inputs. Note that the IN+ and
IN− inputs are able to withstand full common-mode voltage
under all powered and under-powered conditions. An
example shutdown circuit is shown in Figure 5.
RFI/EMI
Attention
to
good
layout
practices
is
always
recommended. Keep traces short and, when possible, use
a printed circuit board (PCB) ground plane with
surface-mount components placed as close to the device
pins as possible. Small ceramic capacitors placed directly
across amplifier inputs can reduce RFI/EMI sensitivity.
PCB layout should locate the amplifier as far away as
possible from RFI sources. Sources can include other
components in the same system as the amplifier itself,
such
as
inductors
(particularly
switched
inductors
handling a lot of current and at high frequencies). RFI can
generally be identified as a variation in offset voltage or dc
signal levels with changes in the interfering RF signal. If
the amplifier cannot be located away from sources of
radiation, shielding may be needed. Twisting wire input
leads makes them more resistant to RF fields. The
difference in input pin location of the INA270 and INA271
versus the INA193−INA198 may provide different EMI
performance.
RS
0.1
µF
V+ > 3V
Load
−16V to +80V
S upply
N egative
an d
P ositive
Comm on−Mod e
Voltag e
I
L
A1
A2
S ingle−P ole F ilter
Capa citor
5k
5k
96kΩ
R
L
PR E OU T
BUF IN
GN D
OUT
IN
IN+
V +
IN A27 0, IN A271
74HC04
Figure 5. INA270−INA271 Example Shutdown Circuit


Similar Part No. - INA270AIDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA270AIDR BURR-BROWN-INA270AIDR Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270AIDR TI1-INA270AIDR Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA270AIDRG4 BURR-BROWN-INA270AIDRG4 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
More results

Similar Description - INA270AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor
INA270A-Q1 TI1-INA270A-Q1 Datasheet
380Kb / 16P
[Old version datasheet]   VOLTAGE-OUTPUT UNIDIRECTIONAL-MEASUREMENT CURRENT-SHUNT MONITORS
logo
Burr-Brown (TI)
INA203 BURR-BROWN-INA203 Datasheet
775Kb / 25P
   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
logo
Texas Instruments
INA203-Q1 TI-INA203-Q1_15 Datasheet
647Kb / 24P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA206 TI1-INA206 Datasheet
1Mb / 39P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203-Q1 TI1-INA203-Q1 Datasheet
701Kb / 23P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor with Dual Comparators
INA203 TI1-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com