Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3616HV4 Datasheet(PDF) 10 Page - Catalyst Semiconductor

Part # CAT3616HV4
Description  6-Channel Charge Pump LED Driver with EZDimTM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3616HV4 Datasheet(HTML) 10 Page - Catalyst Semiconductor

Back Button CAT3616HV4 Datasheet HTML 6Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 7Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 8Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 9Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 10Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 11Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 12Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 13Page - Catalyst Semiconductor CAT3616HV4 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
CAT3616
Doc. No. 5018 Rev. A
10
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
LED CURRENT SETTING
The LED current is controlled by toggling the input
signals ENM
¯¯¯ and ENS
¯¯¯. ENM
¯¯¯ controls the four LED
channels MAIN1 to MAIN4. ENS
¯¯¯ controls the two LED
lines SUB1 and SUB2. ENM
¯¯¯ and ENS
¯¯¯ work the same
way. The chip must first be enabled by setting the
enable input EN high. On the first ENM
¯¯¯ or ENS
¯¯¯
transition from high to low, the LED current in the
associated LEDs is set to the full scale 31mA. On
each consecutive falling edge of ENM
¯¯¯ or ENS
¯¯¯, the
LED current is decreased by 1mA. On the 32
nd pulse,
the LED channel is turned off and the current drops to
0mA. One additional ENM
¯¯¯ or ENS
¯¯¯ pulse resets the full
current to 31mA, as shown on Figure 1.
Consecutive pulses should be separated by 300ns or
more. Pulsing frequencies from 5kHz up to 1MHz are
supported during dimming operations. When the EN is
held low for 1.5ms or more, the CAT3616 enters the
shutdown mode and draws “zero” current. When the
enable EN input is low, toggling ENM
¯¯¯ or ENS
¯¯¯ has no
effect.
Unused LED channels can be disabled independently
by connecting the corresponding main or sub LED pin
to VOUT.
Protection Mode
If an LED becomes open-circuit, the output voltage
VOUT is internally limited to about 5.5V. This is to
prevent the output pin from exceeding its absolute
maximum rating.
The driver enters a thermal shutdown mode as soon as
the die temperature exceeds about +165ºC. When the
device temperature drops down by about 20ºC, the device
resumes normal operation.
External Components
The driver requires a total of four external 1
µF
ceramic capacitors: two for decoupling input and
output, and two for the charge pump. Both capacitor
types X5R and X7R are recommended for the LED
driver application. In the 1.5x charge pump mode, the
input current ripple is kept very low by design, and an
input bypass capacitor of 1
µF is sufficient. In 1x mode,
the device operating in linear mode does not introduce
switching noise back onto the supply.
Recommended Layout
In 1.5x charge pump mode, the driver switches
internally at a high frequency of 1MHz. It is
recommended to minimize trace length to all four
capacitors. A ground plane should cover the area
under the driver IC as well as the bypass capacitors.
Short connection to ground on capacitors Cin and
Cout can be implemented with the use of multiple via.
A copper area matching the TDFN exposed pad
(GND) must be connected to the ground plane
underneath. The use of multiple via improves the
package heat dissipation.


Similar Part No. - CAT3616HV4

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616HV4-GT2 CATALYST-CAT3616HV4-GT2 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616HV4-GT2 ONSEMI-CAT3616HV4-GT2 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Catalyst Semiconductor
CAT3616HV4-T2 CATALYST-CAT3616HV4-T2 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616HV4-T2 ONSEMI-CAT3616HV4-T2 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
More results

Similar Description - CAT3616HV4

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3616 CATALYST-CAT3616_08 Datasheet
368Kb / 14P
   6-Channel Charge Pump LED Driver with EZDimTM
logo
ON Semiconductor
CAT3616 ONSEMI-CAT3616 Datasheet
322Kb / 14P
   6-Channel Charge Pump LED Driver with EZDim
April, 2010 ??Rev. 3
logo
Rohm
BD2606MVV ROHM-BD2606MVV Datasheet
1Mb / 20P
   6-Channel Charge Pump White LED Driver
logo
Asahi Kasei Microsystem...
AK7864 AKM-AK7864 Datasheet
217Kb / 12P
   3 channel LED driver with Charge Pump
AK7864A AKM-AK7864A Datasheet
294Kb / 13P
   3 channel LED driver with Charge Pump
logo
Catalyst Semiconductor
CAT3606 CATALYST-CAT3606_08 Datasheet
367Kb / 12P
   6-Channel Low Noise Charge Pump White LED Driver
logo
Allegro MicroSystems
A8434 ALLEGRO-A8434 Datasheet
446Kb / 11P
   6-Channel High Efficiency Charge Pump White LED Driver
logo
SG Micro Corp
SGM3144 SGMICRO-SGM3144_16 Datasheet
2Mb / 12P
   6-Channel PWM Dimming Charge Pump White LED Driver
logo
ON Semiconductor
CAT3606 ONSEMI-CAT3606 Datasheet
259Kb / 11P
   6-Channel Low Noise Charge Pump White LED Driver
January, 2010 ??Rev. 3
logo
Eutech Microelectronics...
EUP3654 EUTECH-EUP3654 Datasheet
82Kb / 1P
   6 Channel, 1X/1.5X Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com