Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKDL240-20S10 Datasheet(PDF) 7 Page - International Rectifier

Part # IRKDL240-20S10
Description  FAST RECOVERY DIODES
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKDL240-20S10 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRKDL240-20S10 Datasheet HTML 3Page - International Rectifier IRKDL240-20S10 Datasheet HTML 4Page - International Rectifier IRKDL240-20S10 Datasheet HTML 5Page - International Rectifier IRKDL240-20S10 Datasheet HTML 6Page - International Rectifier IRKDL240-20S10 Datasheet HTML 7Page - International Rectifier IRKDL240-20S10 Datasheet HTML 8Page - International Rectifier IRKDL240-20S10 Datasheet HTML 9Page - International Rectifier IRKDL240-20S10 Datasheet HTML 10Page - International Rectifier IRKDL240-20S10 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Bulletin I27094 rev. C 10/06
IRK.L240 Series
www.irf.com
Fig. 16 - Reverse Recovery Current Characteristics
Fig. 15 - Reverse Recovery Charge Characteristics
Fig. 17 - Reverse Recovery Charge Characteris-
tics
Fig. 18 - Reverse Recovery Current Characteristics
Fig. 19 - Reverse Recovery Charge Characteristics
Fig. 20 - Reverse Recovery Current Characteristics
10
20
30
40
50
60
70
80
90
100
110
10
20
30
40
50
60
70
80
90 100
200A
100A
50A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
IRK.L240..S10 Series
I
= 1000A
500A
T = 150 °C
FM
J
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
10
20
30
40
50
60
70
80
90
100
200A
100A
50A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
IRK.L240..S10
T = 150° C
I
= 1000A
J
FM
0
50
100
150
200
250
300
0
50
100
150
200
200A
100A
50A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
IRK.L240..S20
T = 150 °C
I
= 1000A
J
FM
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
200A
100A
50A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
IRK.L240..S20
T = 150 °C
I
= 1000A
J
FM
0
50
100
150
200
250
300
0
50
100
150
200
100A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
IRK.L240..S30 Series
T = 150 °C
I
= 1000A
J
FM
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
100A
500A
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
IRK.L240..S30 Series
T = 150 °C
I
= 1000A
J
FM


Similar Part No. - IRKDL240-20S10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKDL450 IRF-IRKDL450 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRKDL450-16S20 IRF-IRKDL450-16S20 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRKDL450-20S20 IRF-IRKDL450-20S20 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
IRKDL450-25S20 IRF-IRKDL450-25S20 Datasheet
122Kb / 7P
   SUPER MAGN-A-PAK Power Modules
More results

Similar Description - IRKDL240-20S10

ManufacturerPart #DatasheetDescription
logo
AEGIS SEMICONDUTORES LT...
A1C:70S.02.02 AEGIS-A1C:70S.02.02 Datasheet
803Kb / 4P
   Fast Recovery Diodes
A1C:70S.02.10 AEGIS-A1C:70S.02.10 Datasheet
990Kb / 4P
   Fast Recovery Diodes
logo
Sanken electric
CTU-34S SANKEN-CTU-34S Datasheet
324Kb / 5P
   Fast Recovery Diodes
logo
Rohm
RF601B2D ROHM-RF601B2D Datasheet
178Kb / 4P
   Fast recovery diodes
RF1005TF6S ROHM-RF1005TF6S Datasheet
164Kb / 1P
   Fast Recovery Diodes
RF601B2DTL ROHM-RF601B2DTL Datasheet
1Mb / 4P
   Fast recovery diodes
logo
Sanken electric
RF1A SANKEN-RF1A Datasheet
63Kb / 2P
   Fast Recovery Diodes
RU1B SANKEN-RU1B Datasheet
59Kb / 2P
   Fast Recovery Diodes
RH1Z SANKEN-RH1Z Datasheet
63Kb / 2P
   Fast Recovery Diodes
logo
AEGIS SEMICONDUTORES LT...
A1C:15S.02.02 AEGIS-A1C:15S.02.02 Datasheet
998Kb / 4P
   Fast Recovery Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com