Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC6665XI-1.8T2C Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT24WC6665XI-1.8T2C
Description  64K-bit I2C Serial EEPROM with Partial Array Write Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC6665XI-1.8T2C Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT24WC6665XI-1.8T2C Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 9Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 10Page - Catalyst Semiconductor CAT24WC6665XI-1.8T2C Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
CAT24WC66
© 2006 Catalyst Semiconductor, Inc.
7
Doc. No. 1037 Rev. J
Characteristics subject to change without notice
READ OPERATIONS
The READ operation for the CAT24WC66 is initiated
in the same manner as the write operation with one
exception, that R/W
¯¯ bit is set to one. Three different
READ operations are possible: Immediate/Current
Address READ, Selective/Random READ and Se–
quential READ.
Immediate/Current Address Read
The CAT24WC66’s address counter contains the
address of the last byte accessed, incremented by
one. In other words, if the last READ or WRITE
access was to address N, the READ immediately
following would access data from address N+1. If N=E
(where E=8191), then the counter will ‘wrap around’ to
address 0 and continue to clock out data. After the
CAT24WC66 receives its slave address information
(with the R/W
¯¯ bit set to one), it issues an
acknowledge, then transmits the 8 bit byte requested.
The master device does not send an acknowledge,
but will generate a STOP condition.
Selective/Random Read
Selective/Random READ operations allow the Master
device to select at random any memory location for a
READ operation. The Master device first performs a
‘dummy’ write operation by sending the START
condition, slave address and byte addresses of the
location it wishes to read. After CAT24WC66 acknow-
ledges, the Master device sends the START condition
and the slave address again, this time with the R/W
¯¯
bit set to one. The CAT24WC66 then responds with
its acknowledge and sends the 8-bit byte requested.
The master device does not send an acknowledge but
will generate a STOP condition.
Sequential Read
The Sequential READ operation can be initiated by
either the Immediate Address READ or Selective
READ operations. After the CAT24WC66 sends the
initial 8-bit byte requested, the Master will respond
with an acknowledge which tells the device it requires
more data. The CAT24WC66 will continue to output
an 8-bit byte for each acknowledge sent by the
Master. The operation will terminate when the Master
fails to respond with an acknowledge, thus sending
the STOP condition.
The data being transmitted from CAT24WC66 is
outputted sequentially with data from address N
followed by data from address N+1. The READ
operation address counter increments all of the
CAT24WC66 address bits so that the entire memory
array can be read during one operation. If more than
E (where E=8191) bytes are read out, the counter will
‘wrap around’ and continue to clock out data bytes.
Figure 8. Immediate Address Read Timing
SCL
SDA
8TH BIT
STOP
NO ACK
DATA OUT
89
SLAVE
ADDRESS
S
A
C
K
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
N
O
A
C
K
DATA
S
T
O
P
P


Similar Part No. - CAT24WC6665XI-1.8T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC66JA-1.8TE13 CATALYST-CAT24WC66JA-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JA-TE13 CATALYST-CAT24WC66JA-TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66JE-1.8TE13 CATALYST-CAT24WC66JE-1.8TE13 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
More results

Similar Description - CAT24WC6665XI-1.8T2C

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24FC65 CATALYST-CAT24FC65 Datasheet
446Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM with Partial Array Write Protection
logo
ON Semiconductor
CAT24WC66 ONSEMI-CAT24WC66 Datasheet
147Kb / 11P
   64-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 10
logo
Catalyst Semiconductor
CAT24WC03 CATALYST-CAT24WC03_05 Datasheet
362Kb / 14P
   2K/4K-Bit Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03 Datasheet
401Kb / 20P
   2-Kb I2C CMOS Serial EEPROM with Partial Array Write Protection
CAT24C03 CATALYST-CAT24C03_06 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
logo
Microchip Technology
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA64F MICROCHIP-24AA64F_13 Datasheet
705Kb / 36P
   64K I2C Serial EEPROM with Quarter-Array Write-Protect
11/29/11
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
   64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
logo
ON Semiconductor
CAT24C03 ONSEMI-CAT24C03 Datasheet
165Kb / 14P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
August, 2009 ??Rev. 3
logo
Catalyst Semiconductor
CAT24C05 CATALYST-CAT24C05 Datasheet
434Kb / 18P
   2-Kb and 4-Kb I2C Serial EEPROM with Partial Array Write Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com