Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT25C33GLSTE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT25C33GLSTE13
Description  32K/64K-Bit SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25C33GLSTE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT25C33GLSTE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT25C33GLSTE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Discontinued
Parts
3
CAT25C33/65
Doc No. 1000, Rev. H
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Limits
Vcc=
VCC =VCC =
1.8V-6.0V
2.5V-6.0V
4.5V-5.5V
Test
SYMBOL PARAMETER
Min.
Max.
Min.
Max.
Min.
Max.
UNITS
Conditions
tSU
Data Setup Time
50
50
20
ns
tH
Data Hold Time
50
50
20
ns
tWH
SCK High Time
250
125
40
ns
tWL
SCK Low Time
250
125
40
ns
fSCK
Clock Frequency
DC
1
DC
3
DC
10
MHz
tLZ
HOLD to Output Low Z
50
50
50
ns
tRI(1)
Input Rise Time
2
2
2
µs
tFI(1)
Input Fall Time
2
2
2
µs
tHD
HOLD Setup Time
100
100
40
ns
tCD
HOLD Hold Time
100
100
40
ns
tWC
Write Cycle Time
10
10
5
ms
tV
Output Valid from Clock Low
250
250
80
ns
tHO
Output Hold Time
0
0
0
ns
tDIS
Output Disable Time
250
250
75
ns
tHZ
HOLD to Output High Z
150
100
50
ns
tCS
CS High Time
500
250
200
ns
tCSS
CS Setup Time
500
250
100
ns
tCSH
CS Hold Time
500
250
100
ns
NOTE:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
A.C. CHARACTERISTICS
CL = 50pF
PIN CAPACITANCE (1)
Applicable over recommended operating range from TA=25˚C, f=1.0 MHz, VCC=+5.0V (unless otherwise noted).
Symbol
Test Conditions
Max.
Units
Conditions
COUT
Output Capacitance (SO)
8
pF
VOUT=0V
CIN
Input Capacitance (
CS, SCK, SI, WP, HOLD)6
pF
VIN=0V


Similar Part No. - CAT25C33GLSTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C33 CATALYST-CAT25C33 Datasheet
66Kb / 10P
   2K/4K/8K/16K/32K SPI Serial CMOS E2PROM
CAT25C33LA-1.8TE13 CATALYST-CAT25C33LA-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33LA-TE13 CATALYST-CAT25C33LA-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33LE-1.8TE13 CATALYST-CAT25C33LE-1.8TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33LE-TE13 CATALYST-CAT25C33LE-TE13 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
More results

Similar Description - CAT25C33GLSTE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
   64K-Bit SPI Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32 Datasheet
91Kb / 9P
   32K/64K-Bit SPI Serial CMOS E2PROM
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32_05 Datasheet
456Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
logo
Samsung semiconductor
S524LB0X91 SAMSUNG-S524LB0X91 Datasheet
145Kb / 20P
   32K/64K-bit Serial EEPROM
logo
Fairchild Semiconductor
FM25C640U FAIRCHILD-FM25C640U Datasheet
102Kb / 11P
   64K-Bit SPI??Interface Serial CMOS EEPROM
logo
E-CMOS Corporation
EC24C32A E-CMOS-EC24C32A Datasheet
541Kb / 17P
   32K/64K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com