Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT1163LI-28T2 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT1163LI-28T2
Description  Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1163LI-28T2 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT1163LI-28T2 Datasheet HTML 2Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 3Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 4Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 5Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 6Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 7Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 8Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 9Page - Catalyst Semiconductor CAT1163LI-28T2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CAT1163
© 2007 Catalyst Semiconductor, Inc.
6
Doc. No. 3003 Rev. E
Characteristics subject to change without notice
Hardware Data Protection
The CAT1163 is designed with the following hardware
data protection features to provide a high degree of
data integrity.
(1) The CAT1163 features a WP pin. When the WP
pin is tied high the entire memory array becomes
write protected (read only).
(2) The VCC sense provides write protection when VCC
falls below the reset threshold value (VTH). The
VCC lock out inhibits writes to the serial EEPROM
whenever VCC falls below (power down) VTH or
until VCC reaches the reset threshold (power up)
VTH. Any attempt to access the internal EEPROM
is not recognized and an ACK will not be sent on
the SDA line when RESET or RESET
¯¯¯¯¯¯ is active.
Reset Threshold Voltage
The CAT1163 is offered with five reset threshold
voltage ranges. They are 4.50 ÷ 4.75V, 4.25 ÷ 4.50V,
3.00 ÷ 3.15V, 2.85 ÷ 3.00V and 2.55 ÷ 2.70V.
Figure 2. Bus Timing
Figure 3. Write Cycle Timing
Figure 4. Start/Stop Timing
tHIGH
SCL
SDA IN
SDA OUT
tLOW
tF
tLOW
tR
tBUF
tSU:STO
tSU:DAT
tHD:DAT
tHD:STA
tSU:STA
tAA
tDH
tWR
STOP
CONDITION
START
CONDITION
ADDRESS
ACK
8TH BIT
BYTE n
SCL
SDA
START BIT
SDA
STOP BIT
SCL


Similar Part No. - CAT1163LI-28T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1163LI-28-G CATALYST-CAT1163LI-28-G Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1163LI-28-G ONSEMI-CAT1163LI-28-G Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
CAT1163LI-28-G ONSEMI-CAT1163LI-28-G Datasheet
143Kb / 12P
   Supervisory Circuits with Supervisory Circuits with
November, 2011 ??Rev. 10
More results

Similar Description - CAT1163LI-28T2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT1161 CATALYST-CAT1161_07 Datasheet
163Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1161 CATALYST-CAT1161 Datasheet
69Kb / 12P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
CAT1163_0711 CATALYST-CAT1163_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161PI-42 ONSEMI-CAT1161PI-42 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
CAT1161 ONSEMI-CAT1161 Datasheet
193Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3002 Rev. I
CAT1163 ONSEMI-CAT1163 Datasheet
239Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
Doc. No. MD-3003 Rev. I
logo
Catalyst Semiconductor
CAT1161_0711 CATALYST-CAT1161_0711 Datasheet
211Kb / 14P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
logo
ON Semiconductor
CAT1161JI-30 ONSEMI-CAT1161JI-30 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 ??Rev. 12
logo
Catalyst Semiconductor
CAT1163 CATALYST-CAT1163 Datasheet
69Kb / 12P
   Supervisory Circuit with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer
logo
ON Semiconductor
CAT1161JI-28 ONSEMI-CAT1161JI-28 Datasheet
163Kb / 13P
   Supervisory Circuits with I2C Serial CMOS EEPROM, Precision Reset Controller and Watchdog Timer (16K)
July, 2012 - Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com