Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY527 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BY527
Description  Controlled avalanche rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BY527 Datasheet(HTML) 4 Page - NXP Semiconductors

  BY527 Datasheet HTML 1Page - NXP Semiconductors BY527 Datasheet HTML 2Page - NXP Semiconductors BY527 Datasheet HTML 3Page - NXP Semiconductors BY527 Datasheet HTML 4Page - NXP Semiconductors BY527 Datasheet HTML 5Page - NXP Semiconductors BY527 Datasheet HTML 6Page - NXP Semiconductors BY527 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1996 Jun 11
4
Philips Semiconductors
Product specification
Controlled avalanche rectifier
BY527
GRAPHICAL DATA
Fig.2
Maximum permissible average forward
current as a function of tie-point temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRWMmax; δ = 0.5.
Lead length 10 mm.
handbook, halfpage
3
2
1
0
MBG044
0
40
200
80
120
160
Ttp (°C)
IF(AV)
(A)
Fig.3
Maximum permissible average forward
current as a function of ambient temperature
(including losses due to reverse leakage).
a = 1.57; VR =VRWMmax; δ = 0.5.
Device mounted as shown in Fig.9.
handbook, halfpage
0
IF(AV)
(A)
40
200
1.6
1.2
0.4
0
0.8
80
120
160
Tamb (°C)
MBG054
Fig.4
Maximum steady state power dissipation
(forward plus leakage current losses,
excluding switching losses) as a function
of average forward current.
a=IF(RMS)/IF(AV); VR =VRWMmax; δ = 0.5.
handbook, halfpage
01
23
4
3
1
0
2
MGC745
2
P
(W)
I
F(AV)
(A)
1.42
2.5
a = 3
1.57
Solid line = VR.
Dotted line = VRWM; δ = 0.5.
Fig.5
Maximum permissible junction temperature
as a function of reverse voltage.
handbook, halfpage
0
1200
0
MBH393
100
200
800
400
VR (V)
Tj
(
°C)


Similar Part No. - BY527

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
49Kb / 4P
   Silicon Mesa Rectifier
Rev. 2, 24-Jun-98
BY527 VISHAY-BY527 Datasheet
130Kb / 6P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 14-Apr-05
BY527 VISHAY-BY527 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Vishay Siliconix
BY527 VISHAY-BY527 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
More results

Similar Description - BY527

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BY527 NJSEMI-BY527 Datasheet
131Kb / 2P
   Controlled avalanche rectifier
logo
Toshiba Semiconductor
25QF11 TOSHIBA-25QF11 Datasheet
64Kb / 1P
   CONTROLLED AVALANCHE RECTIFIER
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
BYD13D EIC-BYD13D Datasheet
46Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
New Jersey Semi-Conduct...
BYX39 NJSEMI-BYX39 Datasheet
180Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
BYX56 NJSEMI-BYX56 Datasheet
187Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
Microsemi Corporation
KP247 MICROSEMI-KP247 Datasheet
103Kb / 2P
   Quick Connect Controlled Avalanche Rectifier
logo
Diotec Semiconductor
P2500T DIOTEC-P2500T_16 Datasheet
178Kb / 2P
   Controlled Avalanche Standard Recovery Rectifier Diodes
logo
NXP Semiconductors
BYV2100 PHILIPS-BYV2100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
BYV4100 PHILIPS-BYV4100 Datasheet
52Kb / 8P
   Fast soft-recovery controlled avalanche rectifier
1996 Oct 07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com