Selected language     English  â–¼


MC7812CT Datasheet(PDF) 28 Page - ON Semiconductor

Part No. MC7812CT
Description  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 28 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
28
ORDERING INFORMATION
Device
Shipping†
Package
Operating
Temperature Range
Nominal Voltage
MC7824ACT
24 V
T = 0
°C to +125°C
TO 220
50 Units /Rail
MC7824ACTG
TO 220
(Pb−free)
50 Units /Rail
MC7824BD2T
T = −40
°C to +125°C
D2PAK
50 Units /Rail
MC7824BD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7824BD2TR4
D2PAK
800 / Tape & Reel
MC7824BD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7824BT
TO 220
50 Units /Rail
MC7824BTG
TO 220
(Pb−free)
50 Units /Rail
MC7824CD2T
T = 0
°C to +125°C
D2PAK
50 Units /Rail
MC7824CD2TG
D2PAK
(Pb−free)
50 Units /Rail
MC7824CD2TR4
D2PAK
800 / Tape & Reel
MC7824CD2TR4G
D2PAK
(Pb−free)
800 / Tape & Reel
MC7824CT
TO 220
50 Units /Rail
MC7824CTG
TO 220
(Pb−free)
50 Units /Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV devices: Tlow = −40
°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and
change control.
78xxAyD2T
AWLYWWG
MC
78xxAyT
AWLYWWG
xx
= 05, 06, 08, 09, 12, 15, 18, or 24
y
= B or C
A
= Assembly Location
WL, L = Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Device
MARKING DIAGRAMS
TO−220−3
T SUFFIX
CASE 221A
MC
D2PAK−3
D2T SUFFIX
CASE 936
DPAK−3
DT SUFFIX
CASE 369C
78xxyG
ALYWW
78xxyD2T
AWLYWWG
MC
*
MC
78xxyT
AWLYWWG
*
*This marking diagram also applies to NCV78xx family.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LM78003-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
LM323_023.0 A Positive Voltage Regulators 1 2 3 4 5 MoreON Semiconductor
LR1106LARGE CURRENT POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
LR1118LOW DROP POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
LD1117_05LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreUnisonic Technologies
MC78M00_06500 mA Positive Voltage Regulators 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl