Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8725 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8725
Description  99dB Stereo DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8725 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8725 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8725 Datasheet HTML 12Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
WM8725
Production Data
w
PD Rev 4.1 August 2004
11
PACKAGE DIMENSIONS
NOTES:
A. ALL LINEAR DIMENSIONS ARE IN MILLIMETERS (INCHES).
B. THIS DRAWING IS SUBJECT TO CHANGE WITHOUT NOTICE.
C. BODY DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSION, NOT TO EXCEED 0.25MM (0.010IN).
D. MEETS JEDEC.95 MS-012, VARIATION = AB. REFER TO THIS SPECIFICATION FOR FURTHER DETAILS.
Symbols
Dimensions
(MM)
Dimensions
(Inches)
MIN
MAX
MIN
MAX
A
1.35
1.75
0.0532
0.0688
A1
0.10
0.25
0.0040
0.0098
B
0.33
0.51
0.0130
0.0200
C
0.19
0.25
0.0075
0.0098
D
8.55
8.75
0.3367
0.3444
E
3.80
4.00
0.1497
0.1574
e
1.27 BSC
0.05 BSC
H
5.80
6.20
0.2284
0.2440
h
0.25
0.50
0.0099
0.0196
L
0.40
1.27
0.0160
0.0500
α
αα
α
0
o
8
o
0
o
8
o
REF:
JEDEC.95, MS-012
0.10 (0.004)
SEATING PLANE
DM001.C
E
D: 14 PIN SOIC 3.9mm Wide Body
H
B
D
A
A1
C
h x 45o
-C-
8
7
1
14
α
L
e


Similar Part No. - WM8725

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725 Datasheet
348Kb / 9P
   99dB Stereo DAC
WM8725CGED WOLFSON-WM8725CGED Datasheet
192Kb / 14P
   99dB Stereo DAC
WM8725CGED/R WOLFSON-WM8725CGED/R Datasheet
192Kb / 14P
   99dB Stereo DAC
WM8725ED WOLFSON-WM8725ED Datasheet
348Kb / 9P
   99dB Stereo DAC
WM8725 WOLFSON-WM8725_12 Datasheet
192Kb / 14P
   99dB Stereo DAC
More results

Similar Description - WM8725

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8725 WOLFSON-WM8725_12 Datasheet
192Kb / 14P
   99dB Stereo DAC
WM8725 WOLFSON-WM8725 Datasheet
348Kb / 9P
   99dB Stereo DAC
logo
List of Unclassifed Man...
AL1201 ETC-AL1201 Datasheet
134Kb / 9P
   stereo DAC
logo
Micronas
DAC3550A MICRONAS-DAC3550A Datasheet
626Kb / 35P
   DAC 3550A STEREO AUDIO DAC
logo
List of Unclassifed Man...
MS6311 ETC-MS6311 Datasheet
197Kb / 6P
   Stereo Audio DAC
logo
Wolfson Microelectronic...
WM8733 WOLFSON-WM8733 Datasheet
365Kb / 11P
   102dB Stereo DAC
logo
List of Unclassifed Man...
MS6310 ETC-MS6310 Datasheet
88Kb / 6P
   Stereo Audio DAC
logo
MOSA ELECTRONICS
MS6311 MOSA-MS6311 Datasheet
169Kb / 6P
   Stereo Audio DAC
MS6313 MOSA-MS6313 Datasheet
245Kb / 7P
   Stereo Audio DAC
logo
Texas Instruments
PCM5100A TI1-PCM5100A_15 Datasheet
1Mb / 42P
[Old version datasheet]   Audio Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com