Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5122TBI-50-GT10 Datasheet(PDF) 2 Page - Catalyst Semiconductor

Part # CAT5122TBI-50-GT10
Description  16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5122TBI-50-GT10 Datasheet(HTML) 2 Page - Catalyst Semiconductor

  CAT5122TBI-50-GT10 Datasheet HTML 1Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 2Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 3Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 4Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 5Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 6Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 7Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 8Page - Catalyst Semiconductor CAT5122TBI-50-GT10 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CAT5120, CAT5121, CAT5122
2
Doc. No. 22, Rev. C
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
AbsOluTe MAxIMuM rATInGs(1)
VDD to GND
-0.3V to +6V
All Other Pins to GND
-0.3V to (VDD + 0.3)V
Input and Output Latch-Up Immunity
±200mA
Maximum Continuous Current into H, L and W
100kΩ
50kΩ
10kΩ
±0.6mA
±.3mA
±.3mA
Continuous Power Dissipation (TA = +70ºC)
5-pin SC70(2)
6-pin SC70(2)
247mW
245mW
Operating Temperature Range
-40ºC to +85ºC
Junction Temperature
+50ºC
Storage Temperature Range
-65ºC to +50ºC
Soldering Temperature (soldering, 0s)
+300ºC
notes:
(1) Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions outside of those listed in the operational sections of this specification
is not implied. Exposure to any absolute maximum rating for extended periods may affect device performance and reliability.
(2) Derate 3.mW/ºC above TA = +70ºC
eleCTrICAl CHArACTerIsTICs
VDD = 2.7V to 5.5V, VH = VDD, VL = 0, TA = -40ºC to 85ºC. Typical values are at VDD = 2.7V, TA = 25ºC, unless
otherwise noted.
Parameter
symbol
Conditions
Min
Typ
Max
units
DC Performance
Resolution
6
Taps
End-to-End Resistance (-00)
75
00
25
End-to-End Resistance (-50)
37.5
50
62.5
End-to-End Resistance (-0)
7.5
0
2.5
End-to-End Resistance Tempco
TCR
200
ppm/ºC
Ratiometric Resistance Tempco
5
ppm/ºC
Integral Nonlinearity
INL
±0.5
LSB
Differential Nonlinearity
DNL
±0.5
LSB
Zero/Full-Scale Error
±0.
±0.5
LSB
Wiper Resistance
RW
200
600
Ω
Digital Inputs
Input High Voltage
VIH
0.7 x V
DD
V
Input Low Voltage
VIL
0.3 x V
DD
V


Similar Part No. - CAT5122TBI-50-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5122TBI-50-T CATALYST-CAT5122TBI-50-T Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5122TBI-50-T10 CATALYST-CAT5122TBI-50-T10 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5122TBI-50-T3 ONSEMI-CAT5122TBI-50-T3 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
More results

Similar Description - CAT5122TBI-50-GT10

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com