Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50073 Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # ZL50073
Description  32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50073 Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button ZL50073 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 12Page - Zarlink Semiconductor Inc ZL50073 Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
ZL50073
Data Sheet
9
Zarlink Semiconductor Inc.
Pin Description
Pin
Name
Description
TDM Interface
F7, F10, F13, F17, G9, G12,
G15, H6, H10, H13, H16, J7,
K8, K15, K17, L6, L16, M7,
N8, N15, P6, P16, P17, R7,
R10, R13, T9, T12, T15,
U10, U13, U17
VDD_CORE
Power Supply for the Core Logic: +1.8 V
F9, F12, F15, G6, G10, G13,
G16, H7, H11, H14, J6, J8,
J15, J17, K16, L7, M6, M8,
M15, M17, N16, P7, P8,
P15, R6, R11, R14, R17,
T10, T16, U7, U9, U12, U15
VDD_IO
Power Supply for the I/O: +3.3 V
F6, F16, G7, G8, G11, G14,
G17, H8, H9, H12, H15, J9,
J10, J11, J12, J13, J14, J16,
K7, K9, K10, K11, K12, K13,
K14, L8, L9, L10, L11, L12,
L13, L14, L15, M9, M10,
M11, M12, M13, M14, M16,
N6, N7, N9, N10, N11, N12,
N13, N14, P9, P10, P11,
P12, P13, P14, R8, R9, R12,
R15, R16, T2, T7, T8, T11,
T13, T14, T17, U6
VSS
Ground
A2, E5, C1, C2, H2, H1, M1,
P1, P4, W1, U4, W4, AB2,
AA5, W9, AA9, U11, AA14,
Y16, AB20, V17, AA21,
W21, V22, R21, M18, L20,
H22, F22, E21, B22, B20
STiA0-31
Serial TDM Input Data ’A’ Streams (5 V Tolerant Input with
Internal Pull-down)
The data rate of these input streams can be selected in a group of 4
to be either 8.192 Mbps, 16.384 Mbps, 32.678 Mbps or
65.536 Mbps. Refer to Section 1.4 for rate programming options.
The data streams can be selected to be either inverted or
non-inverted, programmed by the Group Control Registers (Section
14.4).
Unused inputs are pulled low by internal pull-down resistors and
may be left unconnected.
E7, C3, G4, J5, K6, J1, M2,
P2, R5, V2, T5, Y3, W6, V8,
Y8, AB9, AA11, AB15, V15,
Y18, Y19, AB22, Y22, R20,
P20, N21, L19, J20, E22,
G19, C21, D17
STiB0-31
Serial TDM Input Data ’B’ Streams (5 V Tolerant Input with
Internal Pull-down)
The data rate of these input streams can be selected in a group of 4
to be either 8.192 Mbps, 16.384 Mbps or 32.678 Mbps. The stream
is unused when its input group rate is 65.536 Mbps. Refer to
Section 1.4 for rate programming options.
The data streams can be selected to be either inverted or
non-inverted, programmed by the Group Control Registers (Section
14.4).
Unused inputs are pulled low by internal pull-down resistors and
may be left unconnected.


Similar Part No. - ZL50073

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073GAC ZARLINK-ZL50073GAC Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
More results

Similar Description - ZL50073

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50075 ZARLINK-ZL50075 Datasheet
499Kb / 60P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 2 Streams (8, 16, 32 or 64 Mbps), and 64 Inputs and 64 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50050 ZARLINK-ZL50050 Datasheet
694Kb / 94P
   8 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 32 Inputs and 32 Outputs
ZL50060 ZARLINK-ZL50060 Datasheet
770Kb / 99P
   16 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 64 Inputs and 64 Outputs
ZL50057 ZARLINK-ZL50057 Datasheet
815Kb / 108P
   12 K-Channel Digital Switch with High Jitter Tolerance, Per Stream Rate Conversion (2, 4, 8, 16, or 32 Mbps), and 48 Inputs and 48 Outputs
ZL50052 ZARLINK-ZL50052 Datasheet
449Kb / 59P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (32 Mbps), and 16 Inputs and 16 Outputs
ZL50051 ZARLINK-ZL50051 Datasheet
562Kb / 67P
   8 K Channel Digital Switch with High Jitter Tolerance, Single Rate (8 or 16 Mbps), and 64 Inputs and 64 Outputs
ZL50074 ZARLINK-ZL50074 Datasheet
570Kb / 61P
   32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
ZL50062 ZARLINK-ZL50062 Datasheet
883Kb / 68P
   16K-Channel Digital Switch with High Jitter Tolerance, Single Rate (2, 4, 8, or 16Mbps), and 64 Inputs and 64 Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com