Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50074GAG2 Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # ZL50074GAG2
Description  32 K x 32 K Channel TDM Switch with 128 Input and 128 Output Streams
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50074GAG2 Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button ZL50074GAG2 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL50074GAG2 Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
ZL50074
Data Sheet
6
Zarlink Semiconductor Inc.
Change Summary
The following table captures the changes from the April 2005 issue.
The following table captures the changes from the July 2004 issue.
Page
Item
Change
24
8.4.1, “Read Cycle“
Clarified WAIT signal description in Read Cycle.
25
Figure 6 "Read Cycle Operation"
Corrected WAIT signal tristate timing in Read Cycle.
25
8.4.2, “Write Cycle“
Clarified WAIT signal description in Write Cycle.
26
Figure 7 "Write Cycle Operation"
Corrected WAIT signal tristate timing in Write Cycle.
Page
Item
Change
11
"Pin Description" - CKo0-3
Added special requirement for using output clock at
65.536 MHz.
12
"Pin Description" - DTA, WAIT
Added more detailed description to the DTA and WAIT
pins.
48
“AC Electrical Characteristics1 - FPi0-2
and CKi0-2 Timing“
Added tFPIS, tFPIH (input frame pulse setup and hold)
maximum values.
49
Figure 9 "Frame Skew Timing Diagram"
Added FPi1,2 frame pulse to Figure “Frame Skew Timing
Diagram” to clarify frame boundary skew.
50
(1) “AC Electrical Characteristics1 -
FPO0-3 and CKO0-3 (65.536 MHz)
Timing“
(2) “AC Electrical Characteristics1 -
FPO0-3 and CKO0-3 (32.768 MHz)
Timing“
(3) “AC Electrical Characteristics1 -
FPO0-3 and CKO0-3 (16.384 MHz)
Timing“
(4) “AC Electrical Characteristics1 -
FPO0-3 and CKO0-3 (8.192 MHz)
Timing“
Added CKO0-3 and FPO0-3 setup and hold parameters for
all different clock rates.
51
“AC Electrical Characteristics - Output
Clock Jitter Generation“
Added this table to specify CKO0-3 jitter generation.
52
“AC Electrical Characteristics - Serial
Data Timing to CKi“
(1) Values of parameters tSIPS, tSIPH, tSINS, tSINH, tSIPV,
tSINV, tSIPZ and tSINZ are revised.
(2) Separated parameter tCKD into tCKDP and tCKDN.
53
Figure 12 "Serial Data Timing to CKi"
Added more detail to figure.
54
“AC Electrical Characteristics - Serial
Data Timing to CKo“
Values of parameters tSOPS, tSOPH, tSONS, tSONH, tSOPV,
tSONV, tSOPZ and tSONZ are revised.
54
Figure 13 "Serial Data Timing to CKo"
Added more detail to figure.
56
“AC Electrical Characteristics - CKo to
Other CKo 1Skew“
Added CKO skew parameters, tCKOS, (clock source to
internal APLL).
56
Figure 14 "CKo to other CKo Skew"
Added figure to show tCKOS.


Similar Part No. - ZL50074GAG2

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50070 ZARLINK-ZL50070 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAC ZARLINK-ZL50070GAC Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50070GAG2 ZARLINK-ZL50070GAG2 Datasheet
615Kb / 66P
   24 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 96 Inputs and 96 Outputs
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 67P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps)
ZL50073 ZARLINK-ZL50073 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
More results

Similar Description - ZL50074GAG2

ManufacturerPart #DatasheetDescription
logo
MOSAIC
PUMA68S4000X-010 MOSAIC-PUMA68S4000X-010 Datasheet
119Kb / 11P
   128 K x 32 Static RAM
logo
Zarlink Semiconductor I...
ZL50073 ZARLINK-ZL50073_06 Datasheet
616Kb / 68P
   32 K Channel Digital Switch with High Jitter Tolerance, Rate Conversion per Group of 4 Streams (8, 16, 32 or 64 Mbps), and 128 Inputs and 128 Outputs
logo
Cypress Semiconductor
CY7C4261V CYPRESS-CY7C4261V_11 Datasheet
727Kb / 22P
   16 K / 32 K / 64 K / 128 K x 9 Low-Voltage Deep Sync FIFOs
CY7C09089V99V CYPRESS-CY7C09089V99V Datasheet
652Kb / 28P
   3.3 V 32 K/64 K/128 K 횞 8/9
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
CY7C1338G CYPRESS-CY7C1338G_13 Datasheet
610Kb / 22P
   4-Mbit (128 K x 32) Flow-Through Sync SRAM
CY7C09089V CYPRESS-CY7C09089V_11 Datasheet
663Kb / 28P
   3.3 V 32 K/64 K/128 K x 8/9 Synchronous Dual-Port Static RAM
logo
HYES Optoelectronics, I...
HE126XX50 HYES-HE126XX50 Datasheet
183Kb / 1P
   128 X 32 Dots
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C0851V CYPRESS-CY7C0851V Datasheet
661Kb / 39P
   FLEx36??3.3 V 32 K / 64 K / 128 K / 256 K 횞 36 Synchronous Dual-Port RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com