Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC21PWTE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74HC21PWTE4
Description  DUAL 4-INPUT POSITIVE-AND GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HC21PWTE4 Datasheet(HTML) 1 Page - Texas Instruments

  SN74HC21PWTE4 Datasheet HTML 1Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 2Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 3Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 4Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 5Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 6Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 7Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 8Page - Texas Instruments SN74HC21PWTE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN54HC21, SN74HC21
DUAL 4-INPUT POSITIVE-AND GATES
SCLS087E – DECEMBER 1982 – REVISED AUGUST 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D Outputs Can Drive Up To 10 LSTTL Loads
D Low Power Consumption, 20-µA Max ICC
D Typical tpd = 11 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
NC
1C
1D
1Y
GND
VCC
2D
2C
NC
2B
2A
2Y
SN54HC21 ...J OR W PACKAGE
SN74HC21 . . . D, N, NS, OR PW PACKAGE
(TOP VIEW)
32 1 20 19
910 11 1213
4
5
6
7
8
18
17
16
15
14
2C
NC
NC
NC
2B
NC
NC
1C
NC
1D
SN54HC21 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection
description/ordering information
These devices contain two independent 4-input AND gates. They perform the Boolean function
Y
+ A • B • C • Dor Y + A ) B ) C ) D in positive logic.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
–40 C to 85 C
PDIP – N
Tube of 25
SN74HC21N
SN74HC21N
–40 C to 85 C
SOIC – D
Tube of 50
SN74HC21D
HC21
–40 C to 85 C
SOIC – D
Reel of 2500
SN74HC21DR
HC21
–40
°C to 85°C
Reel of 250
SN74HC21DT
–40
°C to 85°C
SOP – NS
Reel of 2000
SN74HC21NSR
HC21
TSSOP – PW
Tube of 90
SN74HC21PW
HC21
TSSOP – PW
Reel of 2000
SN74HC21PWR
HC21
Reel of 250
SN74HC21PWT
–55 C to 125 C
CDIP – J
Tube of 25
SNJ54HC21J
SNJ54HC21J
–55
°C to 125°C
CFP – W
Tube of 150
SNJ54HC21W
SNJ54HC21W
LCCC – FK
Tube of 55
SNJ54HC21FK
SNJ54HC21FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are
available at www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - SN74HC21PWTE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC21PWTE4 TI-SN74HC21PWTE4 Datasheet
578Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results

Similar Description - SN74HC21PWTE4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74LS21 ETC1-GD74LS21 Datasheet
96Kb / 2P
   DUAL 4-INPUT POSITIVE AND GATES
logo
Renesas Technology Corp
HD74LS21 RENESAS-HD74LS21 Datasheet
55Kb / 5P
   Dual 4-input Positive AND Gates
logo
Hitachi Semiconductor
HD74LV21A HITACHI-HD74LV21A Datasheet
54Kb / 12P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
SN54LS21 TI1-SN54LS21_15 Datasheet
840Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54ALS21A TI1-SN54ALS21A_18 Datasheet
1Mb / 17P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LS21 TI-SN54LS21 Datasheet
509Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI-SN54F21 Datasheet
67Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54LV21A TI-SN54LV21A_04 Datasheet
318Kb / 11P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
SN54F21 TI1-SN54F21_12 Datasheet
388Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LV21A RENESAS-HD74LV21A Datasheet
70Kb / 9P
   Dual 4-input Positive AND Gates
logo
Texas Instruments
54AC11021 TI-54AC11021 Datasheet
64Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-AND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com