Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60105 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # ZL60105
Description  12 x 1.6 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60105 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button ZL60105 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 9Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 10Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 11Page - Zarlink Semiconductor Inc ZL60105 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ZL60105/6
Data Sheet
8
Zarlink Semiconductor Inc.
Figure 6 - Transmitter Reset Signal Timing Diagram
Figure 7 - Transmitter Enable and DisableTiming Diagram
Tx_DIS High
Tx_DIS Low
Tx_EN High
Transmitter disabled
Normal operation
Tx_EN Low
Transmitter disabled
Transmitter disabled
Table 2 - Truth Table for Transmitter Operation (Pre-condition: RESET floating or HIGH)
Transmitter Not Ready
Normal operation
FAULT
T
ON
Tx Output [0:11]
Data [0:11]
RESET
T
TDD
Tx_EN
Data [0:11]
Lasers
off
T
TD
Normal operation
Tx Off
Tx_DIS
Lasers
off
Data [0:11]
T
TD
Normal operation
Tx Off
Data [0:11]
Tx_EN
T
TEN
Normal operation
Transmitter Not Ready


Similar Part No. - ZL60105

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101MJD ZARLINK-ZL60101MJD Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101MLDC ZARLINK-ZL60101MLDC Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60102 ZARLINK-ZL60102 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results

Similar Description - ZL60105

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101_07 Datasheet
326Kb / 6P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Sharp Corporation
GP1F562T SHARP-GP1F562T Datasheet
24Kb / 2P
   Fiber Optic Transmitter/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com