Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60015TFDB Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL60015TFDB
Description  Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN Pre-amp with Photocurrent Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60015TFDB Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL60015TFDB Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60015TFDB Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60015TFDB Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60015TFDB Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60015TFDB Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60015TFDB Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60015TFDB Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZL60015
Data Sheet
2
Zarlink Semiconductor Inc.
Optical and Electrical Characteristics
General Test Conditions: Case Temperature, 25°C / Supply Voltage, 3.3V / RL=100 Ω differential / Fiber: single-
mode 9/125 µm / Wavelength,
λ= 1310 nm
Note 1: Measured using 223-1 PRBS pattern at 2.5 Gbps
Note 2: Measured with an STM-16 filter on electrical output, i.e., 1.875 GHz.
Recommended Operating Conditions
Note 3: Typical value corresponds to the load presented by a following post-amplifier
Note 4: Data pattern having maximum run-length and DC-balance shifts no greater than those found in a PRBS-31 pattern.
Absolute Maximum Ratings
Functional operation is not guaranteed under these conditions. Exceeding these ratings may cause permanent damage. (Note
limits need not necessarily be applied together).
Note 5: 2mm from case for 10 seconds.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test condition
Sensitivity (BER 10-10)
S
-25
-23
dBm
Note 1
Optical Saturation (BER 10-10)Psat
1
dBm
ER = 10 dB, Note 1
Photodiode Monitor Responsivity
Rmon
0.9
A/W
Pin= -10 dBm,
See Figure 4
Output Voltage amplitude,
differential (Pin = -23 dBm)
∆VOL
20
50
mV, pp
Note 1, ER= 10 dB
See Figure 3
Output Voltage amplitude,
differential (Pin = -3 dBm)
∆VOH
240
300
mV, pp
Note 1, ER = 10 dB
See Figure 3
Bandwidth (3 dBel)
fC
2GHz
Pin= -10 dBm
Noise-Equivalent Power
NEP
-32
-30
dBm
Note 2
Output Resistance (single-ended)
Rout
50
Power Supply Current
IDD
25
38
mA
Power Dissipation
PD
85
140
mW
Focal distance (from top TO-can)
Lfocal
2.0
mm
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VCC
33.6
V
Output Differential Load (Note 3)
RL
80
100
Operating Temperature
Top
-40
85
°C
Signalling Rate (Note 4)
fD
0.155
3.125
Gbps
Parameter
Symbol
Min.
Max.
Unit
Supply Voltage
VCC
05
V
Storage Temperature
Tstg
-55
125
°C
Soldering Temperature (Note 5)
Tsld
260
°C
ER
=


Similar Part No. - ZL60015TFDB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60010 ZARLINK-ZL60010 Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
ZL60010TBD ZARLINK-ZL60010TBD Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
ZL60012 ZARLINK-ZL60012 Datasheet
166Kb / 6P
   1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
ZL60012TBD ZARLINK-ZL60012TBD Datasheet
166Kb / 6P
   1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
More results

Similar Description - ZL60015TFDB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
   1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
logo
Optoway Technology Inc
SPB-9720G OPTOWAY-SPB-9720G_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Optoway Technology Inc
SPB-9620G OPTOWAY-SPB-9620G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9740G OPTOWAY-SPB-9740G Datasheet
171Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9605G OPTOWAY-SPB-9605G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9605G OPTOWAY-SPB-9605G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G Datasheet
171Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com