Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60102MLDC Datasheet(PDF) 3 Page - Zarlink Semiconductor Inc

Part # ZL60102MLDC
Description  12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60102MLDC Datasheet(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL60102MLDC Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60102MLDC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60102MLDC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60102MLDC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60102MLDC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60102MLDC Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZL60101/2
Shortform Data Sheet
3
Zarlink Semiconductor Inc.
Figure 2 - ZL60102 Receiver Block Diagram
Front view - MTP key up
Ch12
Ch11
Ch10
Ch9
Ch8
Ch7
Ch6
Ch5
Ch4
Ch3
Ch2
Ch1
Host circuit board
Table 2 - Receiver Optical Channel Assignment
PIN
Array
Trans-
Impedance
and
Limiting
Amplifier
2
3
4
5
6
7
8
9
10
11
1
12
DOUT1+
DOUT1-
DOUT12-
VCC
VEE
Rx_EN Rx_SD
SQ_EN
Rx_SD1 Rx_SD12
DOUT12+


Similar Part No. - ZL60102MLDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60102MJD ZARLINK-ZL60102MJD Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
More results

Similar Description - ZL60102MLDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60101 ZARLINK-ZL60101 Datasheet
347Kb / 20P
   12 x 2.7 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60105 ZARLINK-ZL60105 Datasheet
481Kb / 20P
   12 x 1.6 Gbps Parallel Fiber Optic Link Transmitter and Receiver
ZL60113 ZARLINK-ZL60113 Datasheet
303Kb / 18P
   12 x 3.125 Gbps Parallel Fiber Optic Link Transmitter and Receiver
logo
Broadcom Corporation.
AFBR-732BWZ BOARDCOM-AFBR-732BWZ Datasheet
434Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Agilent(Hewlett-Packard...
AFBR-732B HP-AFBR-732B Datasheet
391Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BZ AVAGO-AFBR-732BZ Datasheet
398Kb / 22P
   Ultra Short Link Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
logo
Zarlink Semiconductor I...
ZL60301 ZARLINK-ZL60301 Datasheet
489Kb / 22P
   Parallel Fiber Optic Transceiver (4 4) x 2.7 Gbps
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-779BZ AVAGO-HFBR-779BZ Datasheet
275Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
HFBR-779BWZ AVAGO-HFBR-779BWZ Datasheet
343Kb / 22P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com