Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60015TJDB Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # ZL60015TJDB
Description  Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN Pre-amp with Photocurrent Monitor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60015TJDB Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

  ZL60015TJDB Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60015TJDB Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60015TJDB Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60015TJDB Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60015TJDB Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60015TJDB Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL60015TJDB Datasheet HTML 7Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BOTTOM VIEW ( 10 : 1 )
SIDE VIEW
© Zarlink Semiconductor 2002. All rights reserved.
ISSUE
ACN
DATE
APPRD.
Previous package codes
Title
Drawing type
Package code
1
JS0 04172R1A
29-APR-03
TD/BE
JS004172
Package drawing, TO-46 with lens
TB
NOTES:-
1. All dimensions in mm.
2. General tol. ISO-2768-mK.
3. Coating: Case:
Ni 1,5-2,5 µm.
Header: Ni 2-3 µm / Au min 0.8 µm.
n2,54
57°
57°
82°
82°
n5,31
**
n0,89 max
0,3 max (3x)
0,38 max
0,6
3,7
13,46
`0,76
*
* Lens
n1.5 `0.05
R0,4 max
Brazed
***
** Glass sealing (4x):
n1,17 +0.05
*** Lead (5x):
n0,44 +0.05/-0,025


Similar Part No. - ZL60015TJDB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60010 ZARLINK-ZL60010 Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
ZL60010TBD ZARLINK-ZL60010TBD Datasheet
250Kb / 7P
   High-Performance Linear PIN 1300nm, 1550nm
ZL60012 ZARLINK-ZL60012 Datasheet
166Kb / 6P
   1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
ZL60012TBD ZARLINK-ZL60012TBD Datasheet
166Kb / 6P
   1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
More results

Similar Description - ZL60015TJDB

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60006 ZARLINK-ZL60006 Datasheet
282Kb / 7P
   1310 nm, 1550 nm 2.5 Gbps PIN with Preamplifier
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
logo
Optoway Technology Inc
SPB-9720G OPTOWAY-SPB-9720G_08 Datasheet
177Kb / 6P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
logo
Zarlink Semiconductor I...
ZL60402 ZARLINK-ZL60402 Datasheet
308Kb / 9P
   2.5 Gbps, 1310 nm Uncooled Fabry-Perot Laser Diode Module with Monitor
logo
Optoway Technology Inc
SPB-9620G OPTOWAY-SPB-9620G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9740G OPTOWAY-SPB-9740G Datasheet
171Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9605G OPTOWAY-SPB-9605G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9605G OPTOWAY-SPB-9605G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9640G OPTOWAY-SPB-9640G Datasheet
171Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com