Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60038TGDE Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL60038TGDE
Description  650-nm, 125 Mbps Pin Preamplifier for Plastic Optical Fiber
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60038TGDE Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL60038TGDE Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60038TGDE Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60038TGDE Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60038TGDE Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60038TGDE Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60038TGDE Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZL60038
Data Sheet
4
Zarlink Semiconductor Inc.
Application Guidelines
ESD Handling
The receiver is sensitive to electrostatic discharges. When handling the device, precaution for ESD sensitive
devices should be taken. These precautions include use of ESD protected work area with wrist straps, controlled
work benches, floors etc.
Host Board Layout Example
Included in the example of a Host Board Layout (Figure 4) are power supply decoupling capacitors. These are
recommended for optimal performance of the receiver. A filter is also included to minimise power supply noise.
A recommended post-amplifier is shown, namely Maxim MAX3969. Alternative post-amplifiers may also be used by
the customer.
Figure 4 - Host Board Layout Example
100nF
100nF
Post-Amp
ZL60038
50 Ohm
50 Ohm
10uH
Vcc
Fiber
100nF
100nF
Post-Amp
ZL60038
50 Ohm
50 Ohm
10uH
Vcc
Fiber


Similar Part No. - ZL60038TGDE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60001 ZARLINK-ZL60001 Datasheet
418Kb / 5P
   High speed 2.5 Gbps 850 nm VCSEL
ZL60001TBD ZARLINK-ZL60001TBD Datasheet
418Kb / 5P
   High speed 2.5 Gbps 850 nm VCSEL
ZL60003 ZARLINK-ZL60003 Datasheet
376Kb / 4P
   RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60003TBD ZARLINK-ZL60003TBD Datasheet
376Kb / 4P
   RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
ZL60005 ZARLINK-ZL60005 Datasheet
250Kb / 5P
   VCSEL Laser Diode
More results

Similar Description - ZL60038TGDE

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60003 ZARLINK-ZL60003 Datasheet
376Kb / 4P
   RCLED 650 nm, Plastic Optical Fiber Communications - 125 to 250 Mbps
MF443 ZARLINK-MF443 Datasheet
340Kb / 7P
   1310 nm, 1550 nm, 155 Mbps PIN with Preamplifier
ZL60012 ZARLINK-ZL60012 Datasheet
166Kb / 6P
   1310 nm, 1550 nm 270 Mbps PIN Preamplifier for SDI Digital Television
logo
Optoway Technology Inc
BTR-3721G OPTOWAY-BTR-3721G Datasheet
103Kb / 4P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
BTR-3621G OPTOWAY-BTR-3621G Datasheet
103Kb / 4P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber Transceiver
SPB-3610G OPTOWAY-SPB-3610G_08 Datasheet
177Kb / 6P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
SPB-3610G OPTOWAY-SPB-3610G Datasheet
172Kb / 5P
   1310 nm TX / 1550 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
SPB-3710G OPTOWAY-SPB-3710G Datasheet
172Kb / 5P
   1550 nm TX / 1310 nm RX , 3.3V / 125 Mbps Single-Fiber SFP Transceiver
logo
Zarlink Semiconductor I...
ZL60013 ZARLINK-ZL60013 Datasheet
267Kb / 6P
   1310 nm, 1550 nm 1.5 Gbps PIN Preamplifier for SDI HDTV
logo
Mitsubishi Electric Sem...
M51567P MITSUBISHI-M51567P Datasheet
288Kb / 6P
   PREAMPLIFIER FOR OPTICAL PICKUP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com