Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL60304MLDC Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # ZL60304MLDC
Description  Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL60304MLDC Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  ZL60304MLDC Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL60304MLDC Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL60304MLDC Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL60304MLDC Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL60304MLDC Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL60304MLDC Datasheet HTML 6Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZL60304
Shortform Data Sheet
2
Zarlink Semiconductor Inc.
Applications
• High-speed interconnects within and between switches, routers and transport equipment
• Server-Server Clusters, Super-computing interconnections
• InfiniBand
 4x-SX compliant
• Fibre Channel connections
• XAUI based interconnections
• Proprietary backplanes
• Interconnects rack-to-rack, shelf-to-shelf, board-to-board, board-to-optical backplane
Description
The ZL60304 is a very high-speed transceiver for parallel fiber applications. This transceiver performs E/O and O/E
conversions for data transmission over multimode fiber ribbon.
The ZL60304 provides an effective solution for XAUI transmission of optical fibre, providing advantages in terms of
power consumption, edge and board density over competing solutions.
The transmit section converts parallel electrical input signals via a laser driver and a VCSEL array into parallel
optical output signals at a wavelength of 850 nm.
The receive section converts parallel optical input signals via a PIN photodiode array and a transimpedance and
limiting amplifier, into electrical output signals.
The module is fitted with two pluggable industry-standard connectors. For the electrical interface, a 100 position
FCI MegArray® receptacle is used. For the optical interface, an industry-standard MTPTM(MPO) connector is used,
which is compliant with IEC 61754-7. This provides ease of assembly on the host board and enables provisioning of
bandwidth on demand.
Reliability assurance is based on Telcordia GR-468-CORE and the parts are compliant to the EU directive
2002/95/EC issued 27 January 2003 [RoHS].
Exemption 6 & 7


Similar Part No. - ZL60304MLDC

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL60304MJDA ZARLINK-ZL60304MJDA Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
More results

Similar Description - ZL60304MLDC

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-7934EWZ AVAGO-HFBR-7934EWZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934Z AVAGO-HFBR-7934Z Datasheet
447Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
HFBR-7934WZ AVAGO-HFBR-7934WZ Datasheet
552Kb / 18P
   Four-Channel Pluggable Parallel Fiber Optic Transceiver
logo
Zarlink Semiconductor I...
ZL60301 ZARLINK-ZL60301 Datasheet
489Kb / 22P
   Parallel Fiber Optic Transceiver (4 4) x 2.7 Gbps
ZL60304 ZARLINK-ZL60304 Datasheet
382Kb / 19P
   Parallel Fiber Optic Transceiver (4 4) x 3.125 Gbps
ZL60301 ZARLINK-ZL60301_07 Datasheet
273Kb / 6P
   Parallel Fiber Optic Transceiver (4 4) x 2.72 Gbps
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-79FIPZ AVAGO-AFBR-79FIPZ Datasheet
257Kb / 2P
   QSFP Parallel Optic Transceiver
SPFEIM100_G AVAGO-SPFEIM100_G Datasheet
316Kb / 5P
   Fiber Optic Transceiver For Fast Ethernet
AFCT-5815BZ AVAGO-AFCT-5815BZ_15 Datasheet
313Kb / 10P
   nSingle Mode Fiber Optic Transceiver for ATM
HFBR-772BZ AVAGO-HFBR-772BZ Datasheet
436Kb / 24P
   Pluggable Parallel Fiber Optic Modules, Transmitter and Receiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com