Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5120TBI-50T3 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5120TBI-50T3
Description  16-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5120TBI-50T3 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5120TBI-50T3 Datasheet HTML 1Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 2Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 3Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 4Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 5Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 6Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 7Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 8Page - Catalyst Semiconductor CAT5120TBI-50T3 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CAT5120, CAT5121, CAT5122
5
Doc No. 22, Rev. C
© 2007 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
APPlICATIOns InFOrMATIOn
The Minipots are intended for circuits requiring digitally
controlled adjustable resistance, such as LCD contrast
control, where voltage biasing adjusts the display
contrast.
AlTernATIVe POsITIVe lCD bIAs COnTrOl
Use an op amp to provide buffering and gain on the output
of the CAT520. Connect the mechanical potentiometer
to the positive input of a noninverting op amp (Figure 3) to
select a portion of the input signal by digitally controlling
the wiper terminal. Figure 4 shows a similar circuit for
the CAT52.
Figure 3. Positive lCD bias Control
Figure 4. Positive lCD bias Control
ADjusTAble GAIn
Figure 5 shows how to use the variable resistor to digitally
adjust the gain of a noninverting op amp configuration.
Connect the CAT52 in series with a resistor to ground
to form the adjustable gain control of a noninverting
amplifier. The Minipots have a low 5ppm/°C ratiometric
tempco that allows for a very stable adjustable gain
configuration over temperature.
30V
W
L
H
+5V
VOUT
30V
L
H
+5V
VOUT
VCC
L
H
VIN
VOUT
VCC
L
H
W
VIN
VOUT
CAT5120
CAT5121
CAT5121
CAT5120
Figure 5a. Adjustable Gain Circuit
Figure 5b. Adjustable Gain Circuit


Similar Part No. - CAT5120TBI-50T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120TBI-50T3 CATALYST-CAT5120TBI-50T3 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
More results

Similar Description - CAT5120TBI-50T3

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5120 CATALYST-CAT5120 Datasheet
163Kb / 11P
   16-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5120 CATALYST-CAT5120_08 Datasheet
298Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5123 CATALYST-CAT5123 Datasheet
708Kb / 16P
   32-Tap MiniPot TM Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5120 ONSEMI-CAT5120 Datasheet
740Kb / 12P
   16-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2121 Rev. G
CAT5110SDI-10-GT3 ONSEMI-CAT5110SDI-10-GT3 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
CAT5110 ONSEMI-CAT5110 Datasheet
212Kb / 15P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
Doc. No. MD-2120 Rev. K
logo
Catalyst Semiconductor
CAT5110 CATALYST-CAT5110_08 Datasheet
295Kb / 15P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110 Datasheet
163Kb / 11P
   32-Tap MiniPot Digitally Programmable Potentiometers with 2-Wire Interface
CAT5110 CATALYST-CAT5110_07 Datasheet
711Kb / 16P
   32-Tap MiniPot??Digitally Programmable Potentiometers with 2-Wire Interface
logo
ON Semiconductor
CAT5419WI-25 ONSEMI-CAT5419WI-25 Datasheet
219Kb / 16P
   Dual Digitally Programmable Potentiometers with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com