Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10164FN Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10164FN
Description  8-Line Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10164FN Datasheet(HTML) 1 Page - ON Semiconductor

  MC10164FN Datasheet HTML 1Page - ON Semiconductor MC10164FN Datasheet HTML 2Page - ON Semiconductor MC10164FN Datasheet HTML 3Page - ON Semiconductor MC10164FN Datasheet HTML 4Page - ON Semiconductor MC10164FN Datasheet HTML 5Page - ON Semiconductor MC10164FN Datasheet HTML 6Page - ON Semiconductor MC10164FN Datasheet HTML 7Page - ON Semiconductor MC10164FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2002
January, 2002 – Rev. 7
1
Publication Order Number:
MC10164/D
MC10164
8-Line Multiplexer
The MC10164 is a high speed, low power eight–channel data
selector which routes data present at one–of–eight inputs to the output.
The data is routed according to the three bit code present on the
address inputs. An enable input is provided for easy bit expansion.
P
D = 310 mW typ/pkg (No Load)
t
pd = 3.0 ns typ (Data to Output)
t
r, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
A 7
B 9
C 10
Enable 2
X06
X15
X24
X33
X411
X512
X613
X714
15 Z
TRUTH TABLE
ADDRESS INPUTS
ENABLE
C
B
A
Z
L
L
L
L
X0
L
L
L
H
X1
L
L
H
L
X2
L
L
H
H
X3
L
H
L
L
X4
L
H
L
H
X5
L
H
H
L
X6
L
H
H
H
X7
H
X
X
X
L
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
MC10164L
CDIP–16
25 Units / Rail
MC10164P
PDIP–16
25 Units / Rail
MC10164FN
PLCC–20
46 Units / Rail
MARKING
DIAGRAMS
1
16
A
= Assembly Location
WL = Wafer Lot
YY = Year
WW = Work Week
CDIP–16
L SUFFIX
CASE 620
MC10164L
AWLYYWW
PDIP–16
P SUFFIX
CASE 648
PLCC–20
FN SUFFIX
CASE 775
10164
AWLYYWW
1
1
16
MC10164P
AWLYYWW
DIP PIN ASSIGNMENT
VCC2
ENABLE
X3
X2
X1
X0
A
VEE
VCC1
Z
X7
X6
X5
X4
C
B
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion Tables
on page 18 of the ON Semiconductor MECL Data Book
(DL122/D).


Similar Part No. - MC10164FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10164 ONSEMI-MC10164 Datasheet
115Kb / 5P
   8-Line Multiplexer
1996 REV 5
More results

Similar Description - MC10164FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H164 ONSEMI-MC10H164 Datasheet
117Kb / 4P
   8-Line Multiplexer
March, 2000 ??Rev. 7
MC10H164 ONSEMI-MC10H164 Datasheet
138Kb / 8P
   8 LINE MULTIPLEXER
March, 2000 ??Rev. 7
MC10164 ONSEMI-MC10164 Datasheet
115Kb / 5P
   8-Line Multiplexer
1996 REV 5
logo
Texas Instruments
CD74AC151 TI1-CD74AC151_14 Datasheet
836Kb / 14P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
SN74HC151-Q1 TI1-SN74HC151-Q1 Datasheet
177Kb / 9P
[Old version datasheet]   8-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
logo
NXP Semiconductors
74LV138 PHILIPS-74LV138 Datasheet
116Kb / 12P
   3-to-8 line decoder/multiplexer; inverting
1998 Apr 28
logo
Hitachi Semiconductor
HD74HC151 HITACHI-HD74HC151 Datasheet
51Kb / 8P
   1 of-8-line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com