Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10174FN Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10174FN
Description  Dual 4 to 1 Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10174FN Datasheet(HTML) 2 Page - ON Semiconductor

  MC10174FN Datasheet HTML 1Page - ON Semiconductor MC10174FN Datasheet HTML 2Page - ON Semiconductor MC10174FN Datasheet HTML 3Page - ON Semiconductor MC10174FN Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10174
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
80
58
73
80
mAdc
Input Current
IinH
4
14
350
525
220
330
220
330
µAdc
IinL
4
0.5
0.5
0.3
µAdc
Output Voltage
Logic 1
VOH
15
–1.060
–0.890
–0.960
–0.810
–0.890
–0.700
Vdc
Output Voltage
Logic 0
VOL
15
–1.890
–1.675
–1.850
–1.650
–1.825
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
15
–1.080
–0.980
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
15
–1.655
–1.630
–1.595
Vdc
Switching Times (50
Ω Load)
ns
Propagation Delay
t13+15+
t13–15–
t7+15–
t7–15+
t14+15–
t14–15+
15
15
15
15
15
15
1.4
1.4
1.9
1.9
1.0
1.0
5.0
5.0
6.6
6.6
3.3
3.3
1.5
1.5
2.0
2.0
1.0
1.0
3.5
3.5
5.0
5.0
2.0
2.0
4.7
4.7
6.2
6.2
3.1
3.1
1.4
1.4
2.1
2.1
0.9
0.9
5.0
5.0
6.6
6.6
3.4
3.4
Rise Time
(20 to 80%)
t+
15
1.0
3.4
1.1
2.0
3.3
1.1
3.6
Fall Time
(20 to 80%)
t–
15
1.0
3.4
1.1
2.0
3.3
1.1
3.6
ELECTRICAL CHARACTERISTICS (continued)
Each MECL 10,000 series circuit has been de-
signed to meet the dc specifications shown in the
TEST VOLTAGE VALUES (Volts)
signed to meet the dc specifications shown in the
test table, after thermal equilibrium has been es-
tablished. The circuit is in a test socket or mounted
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
tablished. The circuit is in a test socket or mounted
on a printed circuit board and transverse air flow
greater than 500 linear fpm is maintained. Outputs
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
greater than 500 linear fpm is maintained. Outputs
are terminated through a 50–ohm resistor to –2.0
volts. Test procedures are shown for only one
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
volts. Test
rocedures are shown for only one
gate. The other gates are tested in the same man-
ner.
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(V
)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
4
14
4
14
8
8
1, 16
1, 16
IinL
4
4
8
1, 16
Output Voltage
Logic 1
VOH
15
13
8
1, 16
Output Voltage
Logic 0
VOL
15
14
8
1, 16
Threshold Voltage
Logic 1
VOHA
15
13
8
1, 16
Threshold Voltage
Logic 0
VOLA
15
14
8
1, 16
Switching Times
(50
Ω Load)
+1.11V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t13+15+
t13–15–
t7+15–
t7–15+
t14+15–
t14–15+
15
15
15
15
15
15
11
11
13
13
13
13
7
7
14
14
15
15
15
15
15
15
8
8
8
8
8
8
1, 16
1, 16
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t+
15
13
14
15
8
1, 16
Fall Time
(20 to 80%)
t–
15
13
14
15
8
1, 16


Similar Part No. - MC10174FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10174FN ONSEMI-MC10174FN Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
MC10174FNR2 ONSEMI-MC10174FNR2 Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
More results

Similar Description - MC10174FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174_06 Datasheet
154Kb / 6P
   Dual 4 to 1 Multiplexer
February, 2006 ??Rev. 8
MC10174 ONSEMI-MC10174 Datasheet
110Kb / 4P
   Dual 4 to 1 Multiplexer
1996 REV 5
logo
NXP Semiconductors
74F153 PHILIPS-74F153 Datasheet
74Kb / 8P
   Dual 4-line to 1-line multiplexer
1996 Jan 05
logo
ON Semiconductor
MC10H174 ONSEMI-MC10H174 Datasheet
103Kb / 4P
   Dual 4 to Multiplexer
REV 6
logo
Texas Instruments
SN74HC4852 TI-SN74HC4852 Datasheet
384Kb / 16P
[Old version datasheet]   DUAL 4 TO 1 CHANNEL ANALOG MULTIPLEXER /DEMULTIPLEXER
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Texas Instruments
74ACT11352 TI1-74ACT11352 Datasheet
100Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LNE DATA SELECTOR/MULTIPLEXER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com