Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZL50120 Datasheet(PDF) 1 Page - Zarlink Semiconductor Inc

Part # ZL50120
Description  32, 64 and 128 Channel CESoP Processors
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50120 Datasheet(HTML) 1 Page - Zarlink Semiconductor Inc

  ZL50120 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50120 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
1
Zarlink Semiconductor Inc.
Zarlink, ZL and the Zarlink Semiconductor logo are trademarks of Zarlink Semiconductor Inc.
Copyright 2004-2006, Zarlink Semiconductor Inc. All Rights Reserved.
Features
General
• Circuit Emulation Services over Packet (CESoP)
transport for MPLS, IP and Ethernet networks
• On chip timing & synchronization recovery across
a packet network
• On chip dual reference Stratum 3 DPLL
• Grooming capability for Nx64 Kbps trunking
• Fully compatible with Zarlink's ZL50110, ZL50111
and ZL50114 CESoP processors
Circuit Emulation Services
• Complies with ITU-T recommendation Y.1413
• Complies with IETF PWE3 draft standards
CESoPSN and SAToP
• Complies with CESoP Implementation
Agreements from MEF 8 and MFA 8.0.0
• Structured, synchronous CESoP with clock
recovery
• Unstructured, asynchronous CESoP with integral
per-stream clock recovery
Customer Side TDM Interfaces
• Up to 4 T1/E1, 1 J2, 1 T3/E3, or 1 STS-1 ports
• H.110, H-MVIP, ST-BUS backplane
• Up to 128 bi-directional 64 Kbps channels
• Direct connection to LIUs, framers, backplanes
Customer Side Packet Interfaces
• 100 Mbps MII Fast Ethernet (ZL50118/19/20 only)
(may also be used as a second provider side packet
interface)
Provider Side Packet Interfaces
• 100 Mbps MII Fast Ethernet or 1000 Mbps
GMII/TBI Gigabit Ethernet
February 2006
Ordering Information
ZL50115GAG
324 Ball PBGA
trays, bake & dry pack
ZL50116GAG
324 Ball PBGA
trays, bake & dry pack
ZL50117GAG
324 Ball PBGA
trays, bake & dry pack
ZL50118GAG
324 Ball PBGA
trays, bake & dry pack
ZL50119GAG
324 Ball PBGA
trays, bake & dry pack
ZL50120GAG
324 Ball PBGA
trays, bake & dry pack
ZL50115GAG2
324 Ball PBGA** trays, bake & dry pack
ZL50116GAG2
324 Ball PBGA** trays, bake & dry pack
ZL50117GAG2
324 Ball PBGA** trays, bake & dry pack
ZL50118GAG2
324 Ball PBGA** trays, bake & dry pack
ZL50119GAG2
324 Ball PBGA** trays, bake & dry pack
ZL50120GAG2
324 Ball PBGA** trays, bake & dry pack
**Pb Free Tin/Silver/Copper
-40
°C to +85°C
ZL50115/16/17/18/19/20
32, 64 and 128 Channel CESoP
Processors
Data Sheet
Figure 1 - ZL50115/16/17/18/19/20 High Level Overview
On Chip Packet Memory
(Jitter Buffer Compensation for 128 ms of Packet Delay Variation)
Dual Reference
Stratum 3 DPLL
Host Processor
Interface
JTAG
32-bit Motorola compatible
DMA for signaling packets
Multi-Protocol
Packet
Processing
Engine
PW, RTP, UDP,
IPv4, IPv6, MPLS,
ECID, VLAN, User
Defined, Others
Dual
Packet
Interface
MAC
(MII, GMII, TBI)
TDM
Interface
(LIU, Framer, Backplane)
Per Port DCO for
Clock Recovery


Similar Part No. - ZL50120

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50120 ZARLINK-ZL50120 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50120GAG ZARLINK-ZL50120GAG Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
More results

Similar Description - ZL50120

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110_08 Datasheet
1Mb / 112P
   128, 256, 512 and 1024 Channel CESoP Processors
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Analog Devices
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com