Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS704ELC-005 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS704ELC-005
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS704ELC-005 Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS704ELC-005 Datasheet HTML 1Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 2Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 3Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 4Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 5Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 6Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 7Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 8Page - Allegro MicroSystems ACS704ELC-005 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ACS706ELC-20A
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ACS706ELC20A-DS, Rev. 2
Features and Benefits
Small footprint, low-profile SOIC8 package
• 1.5 mΩ internal conductor resistance
• Excellent replacement for sense resistors
• 1600 VRMS minimum isolation voltage between pins 1-4 and 5-8
• 4.5 to 5.5 V, single supply operation
• 50 kHz bandwidth
• 100 mV/A output sensitivity and 20 A dynamic range
• Output voltage proportional to ac and dc currents
• Factory-trimmed for accuracy
• Extremely stable output offset voltage
• Near-zero magnetic hysteresis
• Ratiometric output from supply voltage
The Allegro ACS706 family of current sensors provides economical and
precise solutions for current sensing in industrial, automotive, commercial, and
communications systems. The device package allows for easy implementation
by the customer. Typical applications include motor control, load detection and
management, switched-mode power supplies, and overcurrent fault protection.
The device consists of a precision, low-offset linear Hall sensor circuit with
a copper conduction path located near the surface of the die. Applied current
flowing through this copper conduction path generates a magnetic field which is
sensed by the integrated Hall IC and converted into a proportional voltage. Device
accuracy is optimized through the close proximity of the magnetic signal to the
Hall transducer. A precise, proportional voltage is provided by the low-offset,
chopper-stabilized BiCMOS Hall IC, which is programmed for accuracy at the
factory.
The output of the device has a positive slope (>VCC / 2) when an increasing
current flows through the primary copper conduction path (from pins 1 and 2, to
pins 3 and 4), which is the path used for current sensing. The internal resistance of
this conductive path is typically 1.5 mΩ, providing low power loss. The thickness
of the copper conductor allows survival of the device at up to 3× overcurrent
conditions. The terminals of the conductive path are electrically isolated from the
sensor leads (pins 5 through 8). This allows the ACS706 family of sensors to be
used in applications requiring electrical isolation without the use of opto-isolators
or other costly isolation techniques.
The ACS706 is provided in a small, surface mount SOIC8 package. The leadframe
is plated with 100% matte tin, which is compatible with standard lead (Pb) free
printed circuit board assembly processes. Internally, the flip-chip uses high-tem-
perature Pb-based solder balls, currently exempt from RoHS. The device is fully
calibrated prior to shipment from the factory.
Use the following complete part number when ordering:
Part Number
Package
ACS706ELC-20A
SOIC8 surface mount
TÜV America
Certificate Number:
U8V 04 12 54214 005
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ..........................................16 V
Reverse Supply Voltage, VRCC ........................–16 V
Output Voltage, VOUT ........................................16 V
Reverse Output Voltage, VROUT......................–0.1 V
Output Current Source, IOUT(Source) ................. 3 mA
Output Current Sink, IOUT(Sink).......................10 mA
Maximum Transient Sensed Current*, IR(max) ... 100 A
Operating Temperature,
Maximum Junction, TJ(max)....................... 165°C
Storage Temperature, TS ......................–65 to 170°C
*Junction Temperature, TJ < TJ(max).
*100 total pulses, 250 ms duration each, applied at a rate of
1 pulse every 100 seconds.
Nominal Operating Temperature, TA
Range E............................................ –40 to 85ºC
Overcurrent Transient Tolerance*, IP ................ 60 A
Bidirectional 1.5 mΩ Hall Effect Based Linear Current Sensor
with Voltage Isolation and 20 A Dynamic Range
Package LC
Pin 1: IP+
Pin 2: IP+
Pin 3: IP–
Pin 4: IP–
Pin 8: VCC
Pin 7: VOUT
Pin 6: N.C.
Pin 5: GND
Pins 6 and 7 are internally connected in shipping
product. For compatibility with future devices,
leave pin 6 floating.


Similar Part No. - ACS704ELC-005

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS704ELC-005 ALLEGRO-ACS704ELC-005 Datasheet
489Kb / 19P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
More results

Similar Description - ACS704ELC-005

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS704ELC-015 ALLEGRO-ACS704ELC-015_06 Datasheet
685Kb / 20P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
ACS704ELC-015 ALLEGRO-ACS704ELC-015 Datasheet
571Kb / 19P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
ACS704ELC-005 ALLEGRO-ACS704ELC-005 Datasheet
489Kb / 19P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_07 Datasheet
678Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713 Datasheet
895Kb / 10P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713_1 Datasheet
619Kb / 13P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_06 Datasheet
667Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
logo
Broadcom Corporation.
ACHS-719X BOARDCOM-ACHS-719X Datasheet
1,006Kb / 19P
   Fully Integrated, Hall-Effect Based Linear Current Sensor IC with 3 kVRMS Isolation and a Low-Resistance Current Conductor
July 10, 2020
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com