Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS712 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ACS712
Description  Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS712 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ACS712 Datasheet HTML 4Page - Allegro MicroSystems ACS712 Datasheet HTML 5Page - Allegro MicroSystems ACS712 Datasheet HTML 6Page - Allegro MicroSystems ACS712 Datasheet HTML 7Page - Allegro MicroSystems ACS712 Datasheet HTML 8Page - Allegro MicroSystems ACS712 Datasheet HTML 9Page - Allegro MicroSystems ACS712 Datasheet HTML 10Page - Allegro MicroSystems ACS712 Datasheet HTML 11Page - Allegro MicroSystems ACS712 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Fully Integrated, Hall Effect-Based Linear Current Sensor with
2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Chopper Stabilization is an innovative circuit technique that is
used to minimize the offset voltage of a Hall element and an asso-
ciated on-chip amplifier. Allegro patented a Chopper Stabiliza-
tion technique that nearly eliminates Hall IC output drift induced
by temperature or package stress effects. This offset reduction
technique is based on a signal modulation-demodulation process.
Modulation is used to separate the undesired dc offset signal from
the magnetically induced signal in the frequency domain. Then,
using a low-pass filter, the modulated dc offset is suppressed
while the magnetically induced signal passes through the filter.
As a result of this chopper stabilization approach, the output
voltage from the Hall IC is desensitized to the effects of tempera-
ture and mechanical stress. This technique produces devices that
have an extremely stable Electrical Offset Voltage, are immune to
thermal stress, and have precise recoverability after temperature
cycling.
This technique is made possible through the use of a BiCMOS
process that allows the use of low-offset and low-noise amplifiers
in combination with high-density logic integration and sample
and hold circuits.
Chopper Stabilization Technique
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Concept of Chopper Stabilization Technique
+
IP+
IP+
IP–
IP–
IP
7
5
5
8
+5 V
U1
LMV7235
VIOUT
VOUT
GND
6
2
4
4
1
1
2
3
3
FILTER
VCC
ACS712
D1
1N914
R2
100 kΩ
R1
33 kΩ
RPU
100 kΩ
Fault
CBYP
0.1 μF
CF
1 nF
IP+
IP+
IP–
IP–
7
5
8
+5 V
U1
LT1178
Q1
2N7002
VIOUT
VOUT
VPEAK
VRESET
GND
6
2
4
1
3
D1
1N914
VCC
ACS712
R4
10 kΩ
R1
1 MΩ
R2
33 kΩ
RF
10 kΩ
R3
330 kΩ
CBYP
0.1 μF
C1
0.1 μF
COUT
0.1 μF
CF
1 nF
C2
0.1 μF
FILTER
IP
IP+
IP+
IP–
IP–
IP
7
5
8
+5 V
D1
1N4448W
VIOUT
VOUT
GND
6
2
4
1
3
FILTER
VCC
ACS712
R1
10 kΩ
CBYP
0.1 μF
RF
2 kΩ
CF
1 nF
C1
A-to-D
Converter
Typical Applications
Application 5. 10 A Overcurrent Fault Latch. Fault threshold set by R1 and
R2. This circuit latches an overcurrent fault and holds it until the 5 V rail is
powered down.
Application 2. Peak Detecting Circuit
Application 4. Rectified Output. 3.3 V scaling and rectification application
for A-to-D converters. Replaces current transformer solutions with simpler
ACS circuit. C1 is a function of the load resistance and filtering desired.
R1 can be omitted if the full range is desired.
IP+
IP+
IP–
IP–
IP
7
5
5
8
+5 V
LM321
VIOUT
VOUT
GND
6
2
4
1
1
4
2
3
3
FILTER
VCC
ACS712
R2
100 kΩ
R1
100 kΩ
R3
3.3 kΩ
CBYP
0.1 μF
CF
0.01 μF
C1
1000 pF
RF
1 kΩ
Application 3. This configuration increases gain to 610 mV/A
(tested using the ACS712ELC-05A).


Similar Part No. - ACS712

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
678Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712 Datasheet
642Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS71240 ALLEGRO-ACS71240 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
ACS71240KEXBLT-010B3 ALLEGRO-ACS71240KEXBLT-010B3 Datasheet
1Mb / 21P
   Automotive-Grade, Galvanically Isolated Current Sensor IC with Common-Mode Field Rejection and Overcurrent Detection in Small Footprint Low-Profile Packages
More results

Similar Description - ACS712

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712 Datasheet
996Kb / 12P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS712 ALLEGRO-ACS712_07 Datasheet
678Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713 Datasheet
895Kb / 10P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS713 ALLEGRO-ACS713_1 Datasheet
619Kb / 13P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS715 ALLEGRO-ACS715 Datasheet
619Kb / 13P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714 Datasheet
695Kb / 15P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
ACS714 ALLEGRO-ACS714_13 Datasheet
690Kb / 18P
   Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor
logo
Broadcom Corporation.
ACHS-719X BOARDCOM-ACHS-719X Datasheet
1,006Kb / 19P
   Fully Integrated, Hall-Effect Based Linear Current Sensor IC with 3 kVRMS Isolation and a Low-Resistance Current Conductor
July 10, 2020
ACHS-7121 BOARDCOM-ACHS-7121 Datasheet
827Kb / 14P
   Fully Integrated, Hall Effect-Based Linear Current Sensor IC with 3 kVRMS Isolation and Low-Resistance Current Conductor
logo
Allegro MicroSystems
ACS704ELC-005 ALLEGRO-ACS704ELC-005_06 Datasheet
730Kb / 20P
   Fully Integrated, Hall Effect-Based Linear Current Sensor with Voltage Isolation and a Low-Resistance Current Conductor
October 31, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com