Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC7824CT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC7824CT
Description  1.0 A Positive Voltage Regulators
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC7824CT Datasheet(HTML) 3 Page - ON Semiconductor

  MC7824CT Datasheet HTML 1Page - ON Semiconductor MC7824CT Datasheet HTML 2Page - ON Semiconductor MC7824CT Datasheet HTML 3Page - ON Semiconductor MC7824CT Datasheet HTML 4Page - ON Semiconductor MC7824CT Datasheet HTML 5Page - ON Semiconductor MC7824CT Datasheet HTML 6Page - ON Semiconductor MC7824CT Datasheet HTML 7Page - ON Semiconductor MC7824CT Datasheet HTML 8Page - ON Semiconductor MC7824CT Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MC7800, MC7800A, NCV7805
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Vin = 10 V, IO = 500 mA, TJ = Tlow to Thigh (Note 1), unless otherwise noted)
MC7805B, NCV7805
MC7805C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Output Voltage (TJ = 25°C)
VO
4.8
5.0
5.2
4.8
5.0
5.2
Vdc
Output Voltage (5.0 mA
≤ IO ≤ 1.0 A, PD ≤ 15 W)
7.0 Vdc
≤ Vin ≤ 20 Vdc
8.0 Vdc
≤ Vin ≤ 20 Vdc
VO
4.75
5.0
5.25
4.75
5.0
5.25
Vdc
Line Regulation (Note 4)
7.5 Vdc
≤ Vin ≤ 20 Vdc, 1.0 A
8.0 Vdc
≤ Vin ≤ 12 Vdc
Regline
5.0
1.3
100
50
0.5
0.8
20
10
mV
Load Regulation (Note 4)
5.0 mA
≤ IO ≤ 1.0 A
5.0 mA
≤ IO ≤ 1.5 A (TA = 25°C)
Regload
1.3
0.15
100
50
1.3
1.3
25
25
mV
Quiescent Current
IB
3.2
8.0
3.2
6.5
mA
Quiescent Current Change
7.0 Vdc
≤ Vin ≤ 25 Vdc
5.0 mA
≤ IO ≤ 1.0 A (TA = 25°C)
DIB
0.5
0.3
0.08
1.0
0.8
mA
Ripple Rejection
8.0 Vdc
≤ Vin ≤ 18 Vdc, f = 120 Hz
RR
68
62
83
dB
Dropout Voltage (IO = 1.0 A, TJ = 25°C)
VI − VO
2.0
2.0
Vdc
Output Noise Voltage (TA = 25°C)
10 Hz
≤ f ≤ 100 kHz
Vn
10
10
mV/VO
Output Resistance f = 1.0 kHz
rO
0.9
0.9
m
W
Short Circuit Current Limit (TA = 25°C)
Vin = 35 Vdc
ISC
0.2
0.6
A
Peak Output Current (TJ = 25°C)
Imax
2.2
2.2
A
Average Temperature Coefficient of Output Voltage
TCVO
−0.3
−0.3
mV/
°C
1. Tlow =0°C for MC78XXAC, C, Thigh = +125°C for MC78XXAC, NCV7805
=
*40°C for MC78XXB, MC78XXAB, NCV7805
2. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.


Similar Part No. - MC7824CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7824CT MOTOROLA-MC7824CT Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7824CT ONSEMI-MC7824CT Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
logo
Fairchild Semiconductor
MC7824CT FAIRCHILD-MC7824CT Datasheet
225Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
MC7824CT FAIRCHILD-MC7824CT Datasheet
226Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Vishay Siliconix
MC7824CT VISHAY-MC7824CT Datasheet
88Kb / 9P
   3-Terminal Fixed Positive Voltage Regulators
29-Nov-01
More results

Similar Description - MC7824CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP7800 ONSEMI-NCP7800 Datasheet
167Kb / 9P
   1.0 A Positive Voltage Regulators
October, 2009 ??Rev. 0
MC7800 ONSEMI-MC7800_14 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
MC7800 ONSEMI-MC7800_10 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
MC7800 ONSEMI-MC7800_11 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
logo
Suntac Electronic Corp.
STC7800 SUNTAC-STC7800 Datasheet
169Kb / 11P
   1.0 A Positive Voltage Regulators
logo
ON Semiconductor
MC-7805-CT ONSEMI-MC-7805-CT Datasheet
329Kb / 30P
   1.0 A Positive Voltage Regulators
May, 2013 ??Rev. 26
NCP7812TG ONSEMI-NCP7812TG Datasheet
144Kb / 12P
   1.0 A Positive Voltage Regulators
June, 2010 ??Rev. 1
MC7800 ONSEMI-MC7800_V01 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
logo
Semtech Corporation
EZ1117 SEMTECH-EZ1117_06 Datasheet
476Kb / 6P
   0.8 & 1.0 AMP Positive Voltage Regulators
EZ1117 SEMTECH-EZ1117 Datasheet
126Kb / 4P
   0.8 & 1.0 AMP POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com