Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

208-4112LPSTN Datasheet(PDF) 4 Page - CTS Corporation

Part # 208-4112LPSTN
Description  Multifunctional Through Hole Through Hole
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

208-4112LPSTN Datasheet(HTML) 4 Page - CTS Corporation

  208-4112LPSTN Datasheet HTML 1Page - CTS Corporation 208-4112LPSTN Datasheet HTML 2Page - CTS Corporation 208-4112LPSTN Datasheet HTML 3Page - CTS Corporation 208-4112LPSTN Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
7.26 / .286
2
SPST
206/208-2
206/208-2ST
206/208-2LPST
9.80 / .386
3
SPST
206/208-3
206/208-3ST
206/208-3LPST
12.34 / .486
4
SPST
206/208-4
206/208-4ST
206/208-4LPST
14.88 / .586
5
SPST
206/208-5
206/208-5ST
206/208-5LPST
17.42 / .686
6
SPST
206/208-6
206/208-6ST
206/208-6LPST
19.96 / .786
7
SPST
206/208-7
206/208-7ST
206/208-7LPST
22.50 / .886
8
SPST
206/208-8
206/208-8ST
206/208-8LPST
25.04 / .986
9
SPST
206/208-9
206/208-9ST
206/208-9LPST
27.58 / 1.086
10
SPST
206/208-10
206/208-10ST
206/208-10LPST
32.66 / 1.286
12
SPST
206/208-12
206/208-12ST
206/208-12LPST
7.26 / .286
1
SPDT
206-121
206-121ST
12.34 / .486
2
SPDT
206-122
206-122ST
17.42 / .686
3
SPDT
206-123
206-123ST
22.50 / .886
4
SPDT
206-124
206-124ST
27.58 / 1.086
5
SPDT
206-125
206-125ST
32.66 / 1.286
6
SPDT
206-126
206-126ST
7.26 / .286
1
DPST
206-211
206-211ST
12.34 / .486
2
DPST
206-212
206-212ST
17.42 / .686
3
DPST
206-213
206-213ST
22.50 / .886
4
DPST
206-214
206-214ST
27.58 / 1.086
5
DPST
206-215
206-215ST
32.66 / 1.286
6
DPST
206-216
206-216ST
12.34 / .486
1
DPDT
206-221
206-221ST
22.50 / .886
2
DPDT
206-222
206-222ST
32.66 / 1.286
3
DPDT
206-223
206-223ST
9.80 / .386
1
3PST
206-311
206-311ST
17.42 / .686
2
3PST
206-312
206-312ST
25.04 / .986
3
3PST
206-313
206-313ST
32.66 / 1.286
4
3PST
206-314
206-314ST
12.34 / .486
1
4PST
206-411
206-411ST
22.50 / .886
2
4PST
206-412
206-412ST
32.66 / 1.286
3
4PST
206-413
206-413ST
Ordering Information
Low Profile
"A" Overall
Number of
Both Bottom
Both Bottom
Dimensions
Switch Positions
Actuation
Part Number
and Top Sealed
and Top Sealed
NUMBER OF POLES
1 – SINGLE POLE
2 – DOUBLE POLES
3 – 3 POLES
NUMBER OF THROWS
ACTUATOR HEIGHT
LP – LOW PROFILE(Flush)
E – EXTENDED(3.43mm/.135")
Blank – STANDARD(0.89mm/.035")
RoHS COMPLIANT
P : RoHS COMPLIANT
BLANK : RoHS COMPLIANT
ACTUATION PRESET
BEFORE SHIPMENT
(OPTIONAL)
NOT AVAILABLE ON
EXTENDED ACTUATOR
BOTTOM EPOXY SEAL
1
2
206/208
1
E
S
T
N
P
4 – 4 POLES
BLANK – (FOR SPST)
1 – SINGLE THROW
2 – DOUBLE THROWS
BLANK – (FOR SPST)
NUMBER OF SWITCH POSITIONS
1 – 1 POSITION
2 – 2 POSITIONS
3 – 3 POSITIONS
4 – 4 POSITIONS
5 – 5 POSITIONS
6 – 6 POSITIONS
7 – 7 POSITIONS
8 – 8 POSITIONS
9 – 9 POSITIONS
10 – 10 POSITIONS
12 – 12 POSITIONS
*
*
For SPST and SPDT Models
*
TOP TAPE SEAL
N – SHIP AT "ON"
POSITION
BLANK – SHIP AT "OFF"
POSITION
SPST
206/208-1
206/208-1ST
206/208-1LPST
3.96 / .156
1
206/208-121LPST
206/208-122LPST
206/208-123LPST
206/208-124LPST
206/208-125LPST
206/208-126LPST
4 - 4
© 2006 CTS Corporation. All rights reserved. Information subject to change.
6/30/06
CTS Electronic Components
www.ctscorp.com
S - EPOXY SEALED
BLANK - NO EPOXY SEAL
FOR SHIPMENT
FROM 7/01/06


Similar Part No. - 208-4112LPSTN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
208-4 CTS-208-4 Datasheet
328Kb / 1P
   DIP Switches
208-4PST CTS-208-4PST Datasheet
130Kb / 4P
   Multifunctional through hole DIP switches
208-4ST CTS-208-4ST Datasheet
130Kb / 4P
   Multifunctional through hole DIP switches
More results

Similar Description - 208-4112LPSTN

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
2083LPST CTS-2083LPST Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
206 CTS-206 Datasheet
130Kb / 4P
   Multifunctional through hole DIP switches
206221 CTS-206221 Datasheet
386Kb / 4P
   Multifunctional Through Hole DIP Switches
logo
Rohm
SLA580 ROHM-SLA580 Datasheet
94Kb / 2P
   Through-hole LEDs
logo
Lite-On Technology Corp...
LTL-433G LITEON-LTL-433G Datasheet
431Kb / 5P
   Through Hole Lamp
LTL-433G-012A LITEON-LTL-433G-012A Datasheet
456Kb / 6P
   Through Hole Lamp
LTL-709Y LITEON-LTL-709Y Datasheet
415Kb / 5P
   Through Hole Lamp
LTL793RQ3KJP1 LITEON-LTL793RQ3KJP1 Datasheet
548Kb / 10P
   Through Hole Lamp
LTL-816GE-004A LITEON-LTL-816GE-004A Datasheet
1Mb / 12P
   Through Hole Lamp
LTW-42NDP3ZT-0D2A LITEON-LTW-42NDP3ZT-0D2A Datasheet
424Kb / 12P
   Through Hole Lamp
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com