Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS752SCA-050 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # ACS752SCA-050
Description  Current Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS752SCA-050 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button ACS752SCA-050_05 Datasheet HTML 4Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 5Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 6Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 7Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 8Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 9Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 10Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 11Page - Allegro MicroSystems ACS752SCA-050_05 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS75250-DS Rev. 6
Current Sensor: ACS752SCA-050
Step Response, IPRIMARY = 0 to 30 A
ACS752 Output (mV)
Applied Step (A)
Standards and Physical Specifications
Parameter
Specification
Flammability (package molding compound)
UL recognized to UL 94V-0
Fire and Electric Shock
UL60950-1:2003
EN60950-1:2001
CAN/CSA C22.2 No. 60950-1:2003
Creepage distance, current terminals to sensor pins
7.25 mm
Clearance distance, current terminals to sensor pins
7.25 mm
Package mass
4.18 g typical


Similar Part No. - ACS752SCA-050_05

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
More results

Similar Description - ACS752SCA-050_05

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com