Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1146EUA-T Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1146EUA-T
Description  Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1146EUA-T Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1146EUA-T Datasheet HTML 4Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 5Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 6Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 7Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 8Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 9Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 10Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 11Page - Allegro MicroSystems A1146EUA-T Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Ultrasensitive Two-Wire Chopper-Stabilized
Unipolar Hall Effect Switches
A1145 and
A1146
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Application Information
For additional general application information, visit the Allegro
Web site at www. allegromicro.com.
GND
A114x
VCC
V+
0.01 μF
A
B
B
GND
ECU
Package UA Only
A
B Maximum separation 5 mm
R
SENSE
CBYP
Figure 3. Typical application circuit
Typical Application Circuit
The A114x family of devices must be protected by an external
bypass capacitor, CBYP, connected between the supply, VCC,
and the ground, GND, of the device. CBYP reduces both external
noise and the noise generated by the chopper-stabilization func-
tion. As shown in figure 3, a 0.01 μF capacitor is typical.
Installation of CBYP must ensure that the traces that connect it to
the A114x pins are no greater than 5 mm in length.
All high-frequency interferences conducted along the supply
lines are passed directly to the load through CBYP, and it serves
only to protect the A114x internal circuitry. As a result, the load
ECU (electronic control unit) must have sufficient protection,
other than CBYP, installed in parallel with the A114x.
A series resistor on the supply side, RS (not shown), in combina-
tion with CBYP, creates a filter for EMI pulses.
When determining the minimum VCC requirement of the A114x
device, the voltage drops across RS and the ECU sense resistor,
RSENSE, must be taken into consideration. The typical value for
RSENSE is approximately 100 Ω.


Similar Part No. - A1146EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1146EUA-T ALLEGRO-A1146EUA-T Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1146EUA-T

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com