Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACS750LCA-075 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS750LCA-075
Description  Current Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS750LCA-075 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS750LCA-075 Datasheet HTML 1Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 2Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 3Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 4Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 5Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 6Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 7Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 8Page - Allegro MicroSystems ACS750LCA-075 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
ACS75075-DS Rev.
7
Current Sensor: ACS750xCA-075
Typical Performance Characteristics
Vout vs Primary Current
Vcc = 5 V
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-100
-75
-50
-25
0
25
50
75
100
Primary Current (A)
-40 C
-20 C
25 C
85 C
150 C
Vcc = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
255075
100
125
150
Temperature (°C)
Ip = -75 A
Vcc = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Ip = +75 A
Symmetry
Vcc = 5V
99.5
99.6
99.7
99.8
99.9
100
100.1
100.2
100.3
100.4
100.5
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Ip = 75 A
Sensitivity
Vcc = 5 V
0
5
10
15
20
25
-100
-75
-50
-25
25
50
75
100
Primary Current (A)
-40 C
-20 C
25 C
85 C
150 C
Supply Current
Vcc = 5 V
6
6.2
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
8
-50
-25
0
25
50
75
100
125
150
Temperature (°C)
Non-Linearity
Non-Linearity


Similar Part No. - ACS750LCA-075

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS750LCA-075 ALLEGRO-ACS750LCA-075 Datasheet
327Kb / 11P
   CURRENT SENSOR ACS750 X CA -075
More results

Similar Description - ACS750LCA-075

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
   Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
   Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
   Current Sensor
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
   Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
   Current Sensor
ACS750XCA-050 ALLEGRO-ACS750XCA-050_05 Datasheet
550Kb / 12P
   Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
   CURRENT SENSOR
logo
Diodes Incorporated
ZMC10D DIODES-ZMC10D Datasheet
251Kb / 4P
   Current Sensor
logo
Zetex Semiconductors
ZMC10D ZETEX-ZMC10D Datasheet
244Kb / 4P
   Current Sensor
logo
CUI INC
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
   CURRENT SENSOR
02/19/2020
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
   CURRENT SENSOR
02/19/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com