Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1146EUATI Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A1146EUATI
Description  Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1146EUATI Datasheet(HTML) 3 Page - Allegro MicroSystems

  A1146EUATI Datasheet HTML 1Page - Allegro MicroSystems A1146EUATI Datasheet HTML 2Page - Allegro MicroSystems A1146EUATI Datasheet HTML 3Page - Allegro MicroSystems A1146EUATI Datasheet HTML 4Page - Allegro MicroSystems A1146EUATI Datasheet HTML 5Page - Allegro MicroSystems A1146EUATI Datasheet HTML 6Page - Allegro MicroSystems A1146EUATI Datasheet HTML 7Page - Allegro MicroSystems A1146EUATI Datasheet HTML 8Page - Allegro MicroSystems A1146EUATI Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Ultrasensitive Two-Wire Chopper-Stabilized
Unipolar Hall Effect Switches
A1145 and
A1146
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS over the operating voltage and temperature ranges, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage1
VCC
3.5
24
V
Supply Current2
ICCL
B > BOP for A1145; B < BRP for A1146
5
6.9
mA
ICCH
B > BOP for A1146; B < BRP for A1145
12
17
mA
Reverse Supply Current
IRCC
VRCC = –18 V
–1.6
mA
Supply Zener Clamp Voltage
VZSUPPLY ICC = ICCL(max) + 3 mA; TA = 25°C
28
40
V
Supply Zener Clamp Current3
IZSUPPLY
VZSUPPLY = 28 V
9.9
mA
Output Slew Rate4
di/dt
Capacitance of the oscilloscope performing
the measurement = 20 pF
36
mA/μs
Chopping Frequency
fC
200
kHz
Power-On Time5
ton
CBYPASS = 0.01 μF
––
25
μs
Power-On State6,7
POS
t < ton; VCC slew rate > 25 mV/μs
HIGH
1VCC represents the generated voltage between the VCC pin and the GND pin.
2Relative values of B use the algebraic convention, where positive values indicate south magnetic polarity, and negative values indicate north magnetic
polarity; therefore greater B values indicate a stronger south polarity field (or a weaker north polarity field, if present).
3IZSUPPLY(max) = ICCL(max) + 3 mA.
4Measured without bypass capacitor between VCC and GND. Use of a bypass capacitor results in slower current change.
5Measured with and without bypass capacitor of 0.01 μF. Adding a larger bypass capacitor causes longer Power-On Time.
6POS is defined as true only with a VCC slew rate of 25 mV/μs or greater. Operation with a VCC slew rate less than 25 mV/μs can permanently harm
device performance.
7POS is undefined for t > ton or BRP < B < BOP.
MAGNETIC CHARACTERISTICS over the operating voltage and temperature ranges, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.*
Max.
Units
Operate Point
BOP
A1145 ICC = ICCL
20
37
60
G
A1146 ICC = ICCH
Release Point
BRP
A1145 ICC = ICCH
10
22
55
G
A1146 ICC = ICCL
Hysteresis
BHYS
BHYS = BOP – BRP
515
30
G
*Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions, such as TA = 25°C and VCC = 12 V.
Performance may vary for individual units, within the specified maximum and minimum limits.


Similar Part No. - A1146EUATI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1146EUATI ALLEGRO-A1146EUATI Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1146EUATI-T ALLEGRO-A1146EUATI-T Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
More results

Similar Description - A1146EUATI

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1147 ALLEGRO-A1147_06 Datasheet
329Kb / 12P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1147 ALLEGRO-A1147 Datasheet
319Kb / 13P
   Low Current Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A3241 ALLEGRO-A3241 Datasheet
401Kb / 12P
   Chopper-Stabilized Unipolar Hall-Effect Switches
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
265Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com