Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ2V7ET1 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMSZ2V7ET1
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ2V7ET1 Datasheet(HTML) 4 Page - ON Semiconductor

  MMSZ2V7ET1 Datasheet HTML 1Page - ON Semiconductor MMSZ2V7ET1 Datasheet HTML 2Page - ON Semiconductor MMSZ2V7ET1 Datasheet HTML 3Page - ON Semiconductor MMSZ2V7ET1 Datasheet HTML 4Page - ON Semiconductor MMSZ2V7ET1 Datasheet HTML 5Page - ON Semiconductor MMSZ2V7ET1 Datasheet HTML 6Page - ON Semiconductor MMSZ2V7ET1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MMSZ2V4ET1 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA)
Device
Device
Marking
VZ1 (V)
(Notes 7 and 8)
ZZT1
(Note 9)
VZ2 (V)
(Notes 7 and 8)
ZZT2
(Note 9)
Max Reverse
Leakage Current
@ IZT1 = 2 mA
@ IZT2 = 0.1 mA
@ IZT2 =
0.5 mA
IR @ VR
Min
Nom
Max
W
Min
Max
W
mA
V
MMSZ27ET1, G
CN8
25.65
27
28.35
80
25
28.9
300
0.05
18.9
MMSZ30ET1
CN9
28.50
30
31.50
80
27.8
32
300
0.05
21
MMSZ33ET1
CP1
31.35
33
34.65
80
30.8
35
325
0.05
23.1
MMSZ36ET1
CP2
34.20
36
37.80
90
33.8
38
350
0.05
25.2
MMSZ39ET1
CP3
37.05
39
40.95
130
36.7
41
350
0.05
27.3
MMSZ43ET1, G
CP4
40.85
43
45.15
150
39.7
46
375
0.05
30.1
MMSZ47ET1
CP5
44.65
47
49.35
170
43.7
50
375
0.05
32.9
MMSZ51ET1
CP6
48.45
51
53.55
180
47.6
54
400
0.05
35.7
MMSZ56ET1
CP7
53.20
56
58.80
200
51.5
60
425
0.05
39.2
7. The type numbers shown have a standard tolerance of
±5% on the nominal Zener Voltage.
8. Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1 ms.
9. ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied. The specified limits are for
IZ(AC) = 0.1 IZ(DC), with the AC frequency = 1 kHz.
Devices listed in bold, italic are ON Semiconductor Preferred devices. Preferred devices are recommended choices for future use and
best overall value.
* The “G” suffix indicates Pb−Free package available.


Similar Part No. - MMSZ2V7ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ2V7ET1 ONSEMI-MMSZ2V7ET1 Datasheet
78Kb / 6P
   Zener Voltage Regulators
June, 2004 ??Rev. 1
MMSZ2V7ET1G ONSEMI-MMSZ2V7ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ2V7ET1G ONSEMI-MMSZ2V7ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD-123 Surface Mount
January, 2012 - Rev. 7
More results

Similar Description - MMSZ2V7ET1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ4678T1 ONSEMI-MMSZ4678T1_05 Datasheet
74Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 7
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com