Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQA15VT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMQA15VT1
Description  SC??4 Quad Monolithic Common Anode Transient Voltage Suppressors for ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMQA15VT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMQA15VT1 Datasheet HTML 1Page - ON Semiconductor MMQA15VT1 Datasheet HTML 2Page - ON Semiconductor MMQA15VT1 Datasheet HTML 3Page - ON Semiconductor MMQA15VT1 Datasheet HTML 4Page - ON Semiconductor MMQA15VT1 Datasheet HTML 5Page - ON Semiconductor MMQA15VT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 6
1
Publication Order Number:
MMQA/D
MMQA Quad Common
Anode Series
Preferred Devices
SC−74 Quad Monolithic
Common Anode
Transient Voltage Suppressors
for ESD Protection
This quad monolithic silicon voltage suppressor is designed for
applications requiring transient overvoltage protection capability. It is
intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment, and other applications. Its quad junction common
anode design protects four separate lines using only one package.
These devices are ideal for situations where board space is at a
premium.
Features
SC−74 Package Allows Four Separate Unidirectional Configurations
Peak Power − Min. 24 W @ 1.0 ms (Unidirectional),
per Figure 5 Waveform
Peak Power − Min. 150 W @ 20 ms (Unidirectional),
per Figure 6 Waveform
Maximum Clamping Voltage @ Peak Pulse Current
Low Leakage < 2.0 mA
ESD Rating of Class N (exceeding 16 kV) per the Human Body Model
Pb−Free Packages are Available
THERMAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Value
Unit
Peak Power Dissipation @ 1.0 ms (Note 1)
@ TA ≤ 25°C
Ppk
24
W
Peak Power Dissipation @ 20
ms (Note 2)
@ TA ≤ 25°C
Ppk
150
W
Total Power Dissipation on FR-5 Board
(Note 3) @ TA = 25°C
°PD°
°225
1.8
mW
°
mW/
°C
°
Thermal Resistance from
Junction−to−Ambient
RqJA
556
°C/W
Total Power Dissipation on Alumina
Substrate (Note 4) @ TA = 25°C
Derate above 25
°C
°PD°
°300
2.4
mW
°
mW/
°C
Thermal Resistance from
Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature Range
TJ, Tstg
°− 55 to
+150
°
°C
Lead Solder Temperature − Maximum
(10 Second Duration)
TL
260
°C
SC−74 QUAD TRANSIENT
VOLTAGE SUPPRESSOR
24 WATTS PEAK POWER
5.6 − 33 VOLTS
Preferred devices are recommended choices for future use
and best overall value.
SC−74
PLASTIC
CASE 318F
PIN 1. CATHODE
2. ANODE
3. CATHODE
4. CATHODE
5. ANODE
6. CATHODE
1
2
3
6
5
4
MARKING DIAGRAM
See detailed ordering and shipping information in the table on
page 5 of this data sheet.
ORDERING INFORMATION
See specific marking information in the device marking table
on page 5 of this data sheet.
DEVICE MARKING INFORMATION
PIN ASSIGNMENT
http://onsemi.com
1
6
xxx M
G
G
xxx
= Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - MMQA15VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA15VT1 ONSEMI-MMQA15VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA15VT1 ONSEMI-MMQA15VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA15VT1 ONSEMI-MMQA15VT1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA15VT1G ONSEMI-MMQA15VT1G Datasheet
81Kb / 7P
   SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
More results

Similar Description - MMQA15VT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMQA ONSEMI-MMQA Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T1 ONSEMI-MMQA5V6T1 Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA ONSEMI-MMQA_15 Datasheet
81Kb / 7P
   SC-74 Quad Monolithic Common Anode
January, 2015 ??Rev. 11
MMQA27VT1G ONSEMI-MMQA27VT1G Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
MMQA-D ONSEMI-MMQA-D Datasheet
67Kb / 6P
   SC-74 Quad Monolithic Common Anode
April, 2004 ??Rev. 4
MMQA5V6T ONSEMI-MMQA5V6T Datasheet
126Kb / 7P
   SC-74 Quad Monolithic Common Anode
February, 2012 ??Rev. 10
logo
Motorola, Inc
MMQA MOTOROLA-MMQA Datasheet
104Kb / 8P
   SC-59 Quad Monolithic Common Anode
MMBZ5V6ALT1 MOTOROLA-MMBZ5V6ALT1_07 Datasheet
274Kb / 27P
   SOT-23 Dual Monolithic Common Anode Zener Transient Voltage Suppressor For ESD Protection
logo
AiT Semiconductor Inc.
ESD3Z5.0 AITSEMI-ESD3Z5.0 Datasheet
697Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
ESD5D5.0C AITSEMI-ESD5D5.0C Datasheet
536Kb / 5P
   ESD PROTECTION TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com