Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSZ4678T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMSZ4678T1
Description  Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMSZ4678T1 Datasheet(HTML) 1 Page - ON Semiconductor

  MMSZ4678T1_05 Datasheet HTML 1Page - ON Semiconductor MMSZ4678T1_05 Datasheet HTML 2Page - ON Semiconductor MMSZ4678T1_05 Datasheet HTML 3Page - ON Semiconductor MMSZ4678T1_05 Datasheet HTML 4Page - ON Semiconductor MMSZ4678T1_05 Datasheet HTML 5Page - ON Semiconductor MMSZ4678T1_05 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 7
1
Publication Order Number:
MMSZ4678T1/D
MMSZ4678T1 Series
Preferred Device
Zener Voltage Regulators
500 mW SOD−123 Surface Mount
Three complete series of Zener diodes are offered in the convenient,
surface mount plastic SOD−123 package. These devices provide a
convenient alternative to the leadless 34−package style.
Features
500 mW Rating on FR−4 or FR−5 Board
Wide Zener Reverse Voltage Range − 1.8 V to 43 V
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
ESD Rating of Class 3 (>16 kV) per Human Body Model
Pb−Free Packages are Available
Mechanical Characteristics:
CASE:
Void-free, transfer-molded, thermosetting plastic case
FINISH:
Corrosion resistant finish, easily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode indicated by polarity band
FLAMMABILITY RATING:
UL 94 V−0
MAXIMUM RATINGS
Rating
Symbol
Max
Unit
Total Power Dissipation on FR−5 Board,
(Note 1) @ TL = 75°C
Derated above 75
°C
PD
500
6.7
mW
mW/
°C
Thermal Resistance, (Note 2)
Junction−to−Ambient
RqJA
340
°C/W
Thermal Resistance, (Note 2)
Junction−to−Lead
RqJL
150
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. FR−5 = 3.5 X 1.5 inches, using the minimum recommended footprint.
2. Thermal Resistance measurement obtained via infrared Scan Method.
1
Cathode
2
Anode
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of this
data sheet.
DEVICE MARKING INFORMATION
Devices listed in bold, italic are ON Semiconductor
Preferred devices. Preferred devices are recommended
choices for future use and best overall value.
http://onsemi.com
SOD−123
CASE 425
STYLE 1
1
2
Device
Package
Shipping
ORDERING INFORMATION
MMSZ4xxxT1
SOD−123
3000/Tape & Reel
MARKING DIAGRAM
MMSZ4xxxT3
SOD−123
10000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
MMSZ4xxxT1G
SOD−123
(Pb−Free)
3000/Tape & Reel
MMSZ4xxxT3G
SOD−123
(Pb−Free)
10000/Tape & Reel
xx
= Device Code (Refer to page 3)
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
xx M
G
G
1


Similar Part No. - MMSZ4678T1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMSZ4678T1G ONSEMI-MMSZ4678T1G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ4678T1G ONSEMI-MMSZ4678T1G Datasheet
168Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZT SOD-123 Surface Mount
April, 2018 - Rev. 12
More results

Similar Description - MMSZ4678T1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SZMMSZ3V0T1G ONSEMI-SZMMSZ3V0T1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 11
MMSZ8V2ET1G ONSEMI-MMSZ8V2ET1G Datasheet
159Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2012 ??Rev. 7
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
MMSZ4690T3G ONSEMI-MMSZ4690T3G Datasheet
150Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 9
MMSZ2V4T1 ONSEMI-MMSZ2V4T1_06 Datasheet
77Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
Juanuary, 2006 ??Rev. 9
SZMMSZ5238BT1G ONSEMI-SZMMSZ5238BT1G Datasheet
130Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
October, 2012 ??Rev. 12
MMSZ4678ET1 ONSEMI-MMSZ4678ET1 Datasheet
73Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2005 ??Rev. 3
MMSZ5248ET1G ONSEMI-MMSZ5248ET1G Datasheet
154Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
February, 2012 ??Rev. 8
MMSZ2V4ET1 ONSEMI-MMSZ2V4ET1_06 Datasheet
81Kb / 7P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
January, 2006 ??Rev. 5
MMSZ4678ET1_0508 ONSEMI-MMSZ4678ET1_0508 Datasheet
72Kb / 5P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com