Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5112Z00TE13 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT5112Z00TE13
Description  32-Tap Digitally Programmable Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5112Z00TE13 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT5112Z00TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5112Z00TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5112Z00TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5112Z00TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5112Z00TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5112Z00TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5112Z00TE13 Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CAT5112
5
Doc. No. 2002, Rev. L
VCC Range
2.5V
≤ VCC ≤ 6V
Input Pulse Levels
0.2VCC to 0.7VCC
Input Rise and Fall Times
10ns
Input Reference Levels
0.5VCC
AC CONDITIONS OF TEST
(1) Typical values are for TA=25˚C and nominal supply voltage.
(2) This parameter is periodically sampled and not 100% tested.
(3) MI in the A.C. Timing diagram refers to the minimum incremental change in the W output due to a change in the wiper position.
CS
INC
U
/D
RW
t
CI
t
CYC
t
IL
MI
(3)
90%
90%
10%
(store)
t
F
t
R
t
IW
tID
tDI
t
IH
t
CPH
t
IC
Symbol
Parameter
Min
Typ(1)
Max
Units
tCI
CS to INC Setup
100
——
ns
tDI
U/
D to INC Setup
50
——
ns
tID
U/
D to INC Hold
100
——
ns
tIL
INC LOW Period
250
——
ns
tIH
INC HIGH Period
250
——
ns
tIC
INC Inactive to CS Inactive
1
——
µs
tCPH
CS Deselect Time (NO STORE)
100
——
ns
tCPH
CS Deselect Time (STORE)
10
——
ms
tIW
INC to VOUT Change
15
µs
tCYC
INC Cycle Time
1
——
µs
tR, tF(2)
INC Input Rise and Fall Time
——
500
µs
tPU(2)
Power-up to Wiper Stable
——
1
msec
tWR
Store Cycle
510
ms
AC OPERATING CHARACTERISTICS:
VCC = +2.5V to +6.0V, VH = VCC, VL = 0V, unless otherwise specified
A. C. TIMING


Similar Part No. - CAT5112Z00TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112ZI-00-G CATALYST-CAT5112ZI-00-G Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
logo
ON Semiconductor
CAT5112ZI-00-G ONSEMI-CAT5112ZI-00-G Datasheet
203Kb / 11P
   32-Tap Digitally Programmable Potentiometer with Buffered Wiper
Doc. No. MD-2002 Rev. N
CAT5112ZI-00-GT3 ONSEMI-CAT5112ZI-00-GT3 Datasheet
208Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
Doc. No. MD-2002 Rev. O
CAT5112ZI-00-GT3 ONSEMI-CAT5112ZI-00-GT3 Datasheet
162Kb / 10P
   32?릘ap Digital Potentiometer (POT) ith Buffered Wiper
June, 2013 ??Rev. 16
logo
Catalyst Semiconductor
CAT5112ZI-10-G CATALYST-CAT5112ZI-10-G Datasheet
250Kb / 11P
   32-Tap Digitally Programmable Potentiometer (DPP?? with Buffered Wiper
More results

Similar Description - CAT5112Z00TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com