Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5254ELT3 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMBZ5254ELT3
Description  Zener Voltage Regulators 225 mW SOT??3 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5254ELT3 Datasheet(HTML) 5 Page - ON Semiconductor

  MMBZ5254ELT3 Datasheet HTML 1Page - ON Semiconductor MMBZ5254ELT3 Datasheet HTML 2Page - ON Semiconductor MMBZ5254ELT3 Datasheet HTML 3Page - ON Semiconductor MMBZ5254ELT3 Datasheet HTML 4Page - ON Semiconductor MMBZ5254ELT3 Datasheet HTML 5Page - ON Semiconductor MMBZ5254ELT3 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MMBZ5221ELT1 Series
http://onsemi.com
5
TYPICAL CHARACTERISTICS
100
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 5. Typical Capacitance
1000
100
10
1
10
1
BIAS AT
50% OF VZ NOM
TA = 25°C
0 V BIAS
1 V BIAS
12
VZ, ZENER VOLTAGE (V)
100
10
1
0.1
0.01
10
8
6
4
2
0
TA = 25°C
VZ, ZENER VOLTAGE (V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25°C
90
VZ, NOMINAL ZENER VOLTAGE (V)
Figure 6. Typical Leakage Current
1000
100
10
1
0.1
0.01
0.00
1
0.0001
0.00001
80
70
60
50
40
30
20
10
0
+150°C
+25 °C
−55 °C
Figure 7. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 8. Zener Voltage versus Zener Current
(12 V to 91 V)
100
Figure 9. 8
× 20 ms Pulse Waveform
90
80
70
60
50
40
30
20
10
0
020
4060
80
t, TIME (
ms)
tP
tr
PULSE WIDTH (tP) IS DEFINED
AS THAT POINT WHERE THE
PEAK CURRENT DECAY = 8
ms
HALF VALUE IRSM/2 @ 20 ms
PEAK VALUE IRSM @ 8 ms


Similar Part No. - MMBZ5254ELT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5254ELT3 ONSEMI-MMBZ5254ELT3 Datasheet
73Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 4
MMBZ5254ELT3G ONSEMI-MMBZ5254ELT3G Datasheet
166Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
More results

Similar Description - MMBZ5254ELT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
SZBZX84C3V6ET1G ONSEMI-SZBZX84C3V6ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
January, 2012 ??Rev. 8
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_09 Datasheet
160Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 6
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com