Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT24WC64JATE13D Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24WC64JATE13D
Description  32K/64K-Bit I2C Serial CMOS EEPROM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC64JATE13D Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24WC64JATE13D Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC64JATE13D Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1039, Rev. G
CAT24WC32/64
32K/64K-Bit I2C Serial CMOS EEPROM
DOUT
ACK
SENSE AMPS
SHIFT REGISTERS
CONTROL
LOGIC
WORD ADDRESS
BUFFERS
START/STOP
LOGIC
STATE COUNTERS
SLAVE
ADDRESS
COMPARATORS
E2PROM
128/256 X 256
VCC
EXTERNAL LOAD
COLUMN
DECODERS
XDEC
DATA IN STORAGE
HIGH VOLTAGE/
TIMING CONTROL
VSS
WP
SCL
A0
A1
A2
SDA
128/256
256
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
A1
A2
VSS
A0
A1
A2
VSS
DESCRIPTION
The CAT24WC32/64 is a 32K/64K-bit Serial CMOS
E2PROM internally organized as 4096/8192 words of 8
bits each. Catalyst’s advanced CMOS technology sub-
stantially reduces device power requirements. The
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
I Commercial, industrial, automotive and
extended automotive temperature ranges
I Write protection
– Entire array protected when WP at V
IH
I 1,000,000 Program/erase cycles
I 100 year data retention
CAT24WC32/64 features a 32-byte page write buffer.
The device operates via the I2C bus serial interface and
is available in 8-pin DIP or 8-pin SOIC packages.
PIN CONFIGURATION
BLOCK DIAGRAM
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
+1.8V to +5.5V Power Supply
VSS
Ground
24WC32/64 F02
I 400 KHz I2C bus compatible*
I 1.8 to 5.5 volt read and write operation
I Cascadable for up to eight devices
I 32/64-Byte page write buffer
I Self-timed write cycle with auto-clear
I 8-pin DIP or 8-pin SOIC
I Schmitt trigger inputs for noise protection
FEATURES
DIP Package (P, L, GL)
SOIC Package (J, W, K, X, GW, GX)


Similar Part No. - CAT24WC64JATE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC64JATE13B CATALYST-CAT24WC64JATE13B Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results

Similar Description - CAT24WC64JATE13D

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24WC33 CATALYST-CAT24WC33_05 Datasheet
637Kb / 12P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24WC32WI CATALYST-CAT24WC32WI Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64 Datasheet
407Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24WC66 CATALYST-CAT24WC66 Datasheet
60Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC64 CATALYST-CAT24FC64_05 Datasheet
629Kb / 10P
   64K-Bit I2C Serial CMOS EEPROM
CAT24FC32 CATALYST-CAT24FC32 Datasheet
451Kb / 11P
   32K-Bit I2C Serial CMOS EEPROM
CAT25C32 CATALYST-CAT25C32_04 Datasheet
76Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C33 CATALYST-CAT25C33_05 Datasheet
315Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT25C65 CATALYST-CAT25C65 Datasheet
90Kb / 11P
   32K/64K-Bit SPI Serial CMOS EEPROM
CAT24WC32 CATALYST-CAT24WC32 Datasheet
404Kb / 10P
   32K/64K-Bit I2C Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com