Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT5112SI-00TE13 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT5112SI-00TE13
Description  32-Tap Digitally Programmable Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5112SI-00TE13 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT5112SI-00TE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT5112SI-00TE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT5112SI-00TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT5112SI-00TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5112SI-00TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5112SI-00TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5112SI-00TE13 Datasheet HTML 7Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CAT5112
3
Doc. No. 2002, Rev. L
Power Supply
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range
2.5
6.0
V
ICC1
Supply Current (Increment)
VCC = 6V, f = 1MHz, IW=0
——
200
µA
VCC = 6V, f = 250kHz, IW=0
——
100
ICC2
Supply Current (Write)
Programming, VCC = 6V
——
1mA
VCC = 3V
——
500
µA
ISB1 (2)
Supply Current (Standby)
CS=VCC-0.3V
75
150
µA
U/D, INC=VCC-0.3V or GND
OPERATING MODES
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
VCC to GND
-0.5V to +7V
Inputs
CS to GND
-0.5V to VCC +0.5V
INC to GND
-0.5V to VCC +0.5V
U/
D to GND
-0.5V to VCC +0.5V
RH to GND
-0.5V to VCC +0.5V
RL to GND
-0.5V to VCC +0.5V
RWB to GND
-0.5V to VCC +0.5V
Operating Ambient Temperature
Commercial (‘C’ or Blank suffix)
0
°C to +70°C
Industrial (‘I’ suffix)
-40
°C to +85°C
Junction Temperature
+150
°C
Storage Temperature
-65
°C to +150°C
Lead Soldering (10 sec max)
+300
°C
* Stresses above those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Absolute Maximum Ratings
are limited values applied individually while other parameters are
within specified operating conditions, and functional operation at any
of these conditions is NOT implied. Device performance and reliability
may be impaired by exposure to absolute rating conditions for extended
periods of time.
NOTES:
(1) This parameter is tested initially and after a design or process change that affects the parameter.
(2) Latch-up protection is provided for stresses up to 100mA on address and data pins from –1V to VCC + 1V
(3) IW=source or sink
(4) These parameters are periodically sampled and are not 100% tested.
RL
CL
CH
RH
CW
RWB
Rwi
Potentiometer
Equivalent Circuit
INC
CS
U/D
Operation
High to Low
Low
High
Wiper toward H
High to Low
Low
Low
Wiper toward L
High
Low to High
X
Store Wiper Position
Low
Low to High
X
No Store, Return to Standby
X
High
X
Standby
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Test Method
Min
Typ
Max
Units
VZAP(1)
ESD Susceptibility
MIL-STD-883, Test Method 3015
2000
Volts
ILTH(1)(2)
Latch-Up
JEDEC Standard 17
100
mA
TDR
Data Retention
MIL-STD-883, Test Method 1008
100
Years
NEND
Endurance
MIL-STD-883, Test Method 1003
1,000,000
Stores
DC Electrical Characteristics: VCC = +2.5V to +6.0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IIH
Input Leakage Current
VIN = VCC
——
10
µA
IIL
Input Leakage Current
VIN = 0V
——
–10
µA
VIH1
TTL High Level Input Voltage
4.5V
≤ VCC ≤ 5.5V
2
VCC
V
VIL1
TTL Low Level Input Voltage
0
0.8
V
VIH2
CMOS High Level Input Voltage
2.5V
≤ VCC ≤ 6V
VCC x 0.7
VCC + 0.3
V
VIL2
CMOS Low Level Input Voltage
-0.3
VCC x 0.2
V
Logic Inputs


Similar Part No. - CAT5112SI-00TE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT5112SI-00TE13 CATALYST-CAT5112SI-00TE13 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results

Similar Description - CAT5112SI-00TE13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT5127ZI-10-T3 ONSEMI-CAT5127ZI-10-T3 Datasheet
154Kb / 13P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2127 Rev. D
CAT5115LI-10-G ONSEMI-CAT5115LI-10-G Datasheet
693Kb / 14P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2117 Rev. I
CAT5114LI-10-G ONSEMI-CAT5114LI-10-G Datasheet
250Kb / 15P
   32-Tap Digitally Programmable Potentiometer
Doc. No. MD-2007 Rev. R
logo
Catalyst Semiconductor
CAT5115 CATALYST-CAT5115 Datasheet
92Kb / 9P
   32-Tap Digitally Programmable Potentiometer
CAT5127 CATALYST-CAT5127_07 Datasheet
245Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5112 CATALYST-CAT5112 Datasheet
36Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP??
CAT5114 CATALYST-CAT5114 Datasheet
41Kb / 6P
   32-Tap Digitally Programmable Potentiometer (DPP)
logo
ON Semiconductor
CAT5114 ONSEMI-CAT5114 Datasheet
297Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2007 Rev. S
CAT5127 ONSEMI-CAT5127 Datasheet
638Kb / 13P
   32-Tap Digitally Programmable Potentiometer (DPP??
Doc. No. MD-2127 Rev. E
logo
Catalyst Semiconductor
CAT5114 CATALYST-CAT5114_08 Datasheet
306Kb / 15P
   32-Tap Digitally Programmable Potentiometer (DPP??
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com