Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10231P Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10231P
Description  High Speed Dual Type D Master-Slave Flip-Flop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10231P Datasheet(HTML) 2 Page - ON Semiconductor

  MC10231P Datasheet HTML 1Page - ON Semiconductor MC10231P Datasheet HTML 2Page - ON Semiconductor MC10231P Datasheet HTML 3Page - ON Semiconductor MC10231P Datasheet HTML 4Page - ON Semiconductor MC10231P Datasheet HTML 5Page - ON Semiconductor MC10231P Datasheet HTML 6Page - ON Semiconductor MC10231P Datasheet HTML 7Page - ON Semiconductor MC10231P Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10231
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
Test Limits
Pin
Under
–30
°C
+25
°C
+85
°C
Characteristic
Symbol
Under
Test
Min
Max
Min
Typ
Max
Min
Max
Unit
Power Supply Drain Current
IE
8
72
52
65
72
mAdc
Input Current
IinH
4
5
6
7
9
650
650
350
350
460
410
410
220
220
290
410
410
220
220
290
µAdc
IinL
4, 5*
6, 7, 9*
0.5
0.5
µAdc
Output Voltage
Logic 1
VOH
2
2
[
–1.060
–1.060
–0.890
–0.890
–0.960
–0.960
–0.810
–0.810
–0.890
–0.890
–0.700
–0.700
Vdc
Output Voltage
Logic 0
VOL
3
3
[
–1.890
–1.890
–1.675
–1.675
–1.850
–1.850
–1.650
–1.650
–1.825
–1.825
–1.615
–1.615
Vdc
Threshold Voltage
Logic 1
VOHA
2
2
[
–1.080
–1.080
–0.980
–0.980
–0.910
–0.910
Vdc
Threshold Voltage
Logic 0
VOLA
3
3
[
–1.655
–1.655
–1.630
–1.630
–1.595
–1.595
Vdc
Switching Times (50
Ω Load)
Clock Input
ns
Propagation Delay
t9+2–
t6+2+
2
2
1.5
1.5
3.4
3.4
1.5
1.5
2.0
2.0
3.3
3.3
1.6
1.6
3.7
3.7
Rise Time
(20 to 80%)
t2+
2
0.9
3.3
1.0
1.3
3.1
1.0
3.6
Fall Time
(20 to 80%)
t2–
2
0.9
3.3
1.0
1.3
3.1
1.0
3.6
Set Input
ns
Propagation Delay
t5+2+
t12+15+
t5+3–
t12+14–
2
15
3
14
1.1
1.1
1.1
1.1
3.4
3.4
3.4
3.4
1.1
1.1
1.1
1.1
2.0
2.0
2.0
2.0
3.3
3.3
3.3
3.3
1.2
1.2
1.2
1.2
3.7
3.7
3.7
3.7
Reset Input
ns
Propagation Delay
t4+2–
t13+15–
t4+3–
t13+14+
2
15
3
14
1.1
1.1
1.1
1.1
3.4
3.4
3.4
3.4
1.1
1.1
1.1
1.1
2.0
2.0
2.0
2.0
3.3
3.3
3.3
3.3
1.2
1.2
1.2
1.2
3.7
3.7
3.7
3.7
Setup Time
tsetup
7
1.5
1.0
1.5
ns
Hold Time
thold
7
0.9
0.75
0.9
ns
Toggle Frequency (Max)
ftog
2
200
200
225
200
MHz
* Individually test each input; apply VILmin to pin under test.
[ Output level to be measured after a clock pulse has been applied to the CE Input (Pin 6)
VIHmax
VILmin


Similar Part No. - MC10231P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10231 ONSEMI-MC10231 Datasheet
112Kb / 5P
   High Speed Dual Type D Master-Slave Flip-Flop
1996 REV 5
More results

Similar Description - MC10231P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10231 ONSEMI-MC10231 Datasheet
112Kb / 5P
   High Speed Dual Type D Master-Slave Flip-Flop
1996 REV 5
MC10131 ONSEMI-MC10131 Datasheet
111Kb / 5P
   Dual TYPE D Master-Slave Flip-Flop
1996 REV 5
MC10131 ONSEMI-MC10131_02 Datasheet
112Kb / 8P
   Dual Type D Master-Slave Flip-Flop
January, 2002 ??Rev. 7
MC10H131 ONSEMI-MC10H131 Datasheet
98Kb / 4P
   Dual D Type Master-Slave Flip-Flop
REV 5
logo
National Semiconductor ...
11C70 NSC-11C70 Datasheet
149Kb / 6P
   MASTER-SLAVE D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC1670 MOTOROLA-MC1670 Datasheet
80Kb / 4P
   Master-Slave Flip-Flop
logo
ON Semiconductor
MC10H176 ONSEMI-MC10H176 Datasheet
97Kb / 4P
   Hex D Master-Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176 Datasheet
106Kb / 5P
   Hex D Master/Slave Flip-Flop
1996 REV 5
MC10176 ONSEMI-MC10176_02 Datasheet
109Kb / 8P
   Hex D Master/Slave Flip-Flop
January, 2002 ??Rev. 7
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com