Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5263ELT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MMBZ5263ELT1
Description  Zener Voltage Regulators 225 mW SOT??3 Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBZ5263ELT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MMBZ5263ELT1 Datasheet HTML 1Page - ON Semiconductor MMBZ5263ELT1 Datasheet HTML 2Page - ON Semiconductor MMBZ5263ELT1 Datasheet HTML 3Page - ON Semiconductor MMBZ5263ELT1 Datasheet HTML 4Page - ON Semiconductor MMBZ5263ELT1 Datasheet HTML 5Page - ON Semiconductor MMBZ5263ELT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MMBZ5221ELT1 Series
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (continued) (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Device*
Device
Marking
Zener Voltage (Note 5)
Zener Impedance
Leakage Current
VZ (V)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Min
Nom
Max
mA
W
W
mA
mA
V
MMBZ5252ELT1, G†
BH6
22.80
24
25.20
5.2
33
600
0.25
0.1
18
MMBZ5253ELT1/T3
BH7
23.75
25
26.25
5
35
600
0.25
0.1
19
MMBZ5254ELT1/T3,G
BH8
25.65
27
28.35
4.6
41
600
0.25
0.1
21
MMBZ5255ELT1/T3, G
BH9
26.60
28
29.40
4.5
44
600
0.25
0.1
21
MMBZ5256ELT1/T3, G
BJ1
28.50
30
31.50
4.2
49
600
0.25
0.1
23
MMBZ5257ELT1/T3,G
BJ2
31.35
33
34.65
3.8
58
700
0.25
0.1
25
MMBZ5258ELT1/T3, G
BJ3
34.20
36
37.80
3.4
70
700
0.25
0.1
27
MMBZ5262ELT1/T3, G
BJ7
48.45
51
53.55
2.5
125
1100
0.25
0.1
37
MMBZ5263ELT1/T3, G
BJ8
53.20
56
58.80
2.2
150
1300
0.25
0.1
43
MMBZ5265ELT1, G†
BK1
58.90
62
65.10
2
185
1400
0.25
0.1
47
5. Zener voltage is measured with a pulse test current IZ at an ambient temperature of 25°C.
*The “G’’ suffix indicates Pb−Free package available.
†MMBZ5246EL, MMBZ5252EL, and MMBZ5265EL Not Available in 10,000/Tape & Reel.


Similar Part No. - MMBZ5263ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5263ELT1 ONSEMI-MMBZ5263ELT1 Datasheet
166Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
MMBZ5263ELT1T3G ONSEMI-MMBZ5263ELT1T3G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
More results

Similar Description - MMBZ5263ELT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1_09 Datasheet
182Kb / 7P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 13
SZBZX84C3V6ET1G ONSEMI-SZBZX84C3V6ET1G Datasheet
157Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
January, 2012 ??Rev. 8
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_09 Datasheet
160Kb / 6P
   Zener Voltage Regulators 225 mW SOT??3 Surface Mount
July, 2009 ??Rev. 6
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1_05 Datasheet
75Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
August, 2005 ??Rev. 5
BZX84C2V4LT1 ONSEMI-BZX84C2V4LT1_05 Datasheet
79Kb / 7P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
October, 2005 ??Rev. 11
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1_05 Datasheet
72Kb / 6P
   Zener Voltage Regulators 225 mW SOT-23 Surface Mount
July, 2005 ??Rev. 9
BZX84BXXXLT1G ONSEMI-BZX84BXXXLT1G Datasheet
223Kb / 8P
   Zener Voltage Regulators 250 mW SOT−23 Surface Mount
August, 2021 - Rev. 23
logo
Motorola, Inc
BZX84C2V4LT1 MOTOROLA-BZX84C2V4LT1 Datasheet
258Kb / 20P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
Yea Shin Technology Co....
MMBZ5221B YEASHIN-MMBZ5221B Datasheet
814Kb / 5P
   225 mW SOT-23 Zener Voltage Regulator Diodes
logo
ON Semiconductor
MMSZ5221ET1 ONSEMI-MMSZ5221ET1 Datasheet
79Kb / 6P
   Zener Voltage Regulators 500 mW SOD??23 Surface Mount
March, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com